Electronic Components Datasheet Search
  English  ▼

X  

ADE-8001 Datasheet(PDF) 1 Page - Level One

Part # ADE-8001
Description  Short Range DVI-D Receiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

ADE-8001 Datasheet(HTML) 1 Page - Level One

  ADE-8001 Datasheet HTML 1Page - Level One ADE-8001 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADE-8001 하드웨어 버전: 2
Short Range DVI-D Receiver
LevelOne provides a complete range of short and long range DVI-D Receivers to extend transmission of DVI signals
from a controlling unit to remote locations.
The short range DVI Receiver (ADE-8001) is able to receive a maximum 1280x1024 resolution signal from a
controlling unit rack from 10m away while the long range ADE-8002 DVI receiver is able to manage maximum
resolution of up to 1920x1200 over 35m.
Key Features
- Receive DVI signal from up to 25 meters at 1024 x 768 resolution when working with ADE-8202/8204/8208
- Receive DVI signal from up to 15 meters at 1024 x 768 resolution when working with ADE-8201
www.level1.com
Page 1 of 2


Similar Part No. - ADE-8001

ManufacturerPart #DatasheetDescription
logo
Level One
ADE-8011 LVL1-ADE-8011 Datasheet
207Kb / 2P
Cat.5 Audio Transmitter/Receiver
More results

Similar Description - ADE-8001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4143 EPCOS-B4143_1 Datasheet
99Kb / 10P
Short range devices
B4146 EPCOS-B4146_1 Datasheet
93Kb / 9P
Short range devices
B4147 EPCOS-B4147_1 Datasheet
95Kb / 9P
Short range devices
B4154 EPCOS-B4154_1 Datasheet
58Kb / 6P
Short range devices
logo
Assmann Electronics Inc...
AK621N-3-R ASSMANN-AK621N-3-R Datasheet
256Kb / 1P
DVI-D <=> DVI-D Dual Link Cable, 3 Meters
AK621N-5-R ASSMANN-AK621N-5-R Datasheet
249Kb / 1P
DVI-D <=> DVI-D Dual Link Cable, 5 Meters
logo
NIHON DEMPA KOGYO
WFC30B0924FF NDK-WFC30B0924FF_18 Datasheet
833Kb / 1P
For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG_18 Datasheet
764Kb / 1P
For Short-range Wireless
logo
IOGEAR
GWLRDVIRX IOGEAR-GWLRDVIRX Datasheet
147Kb / 2P
Ultra Long Range Wireless DVI Receiver
GWLRDVITX IOGEAR-GWLRDVITX Datasheet
146Kb / 2P
Ultra Long Range Wireless DVI Transmitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com