Electronic Components Datasheet Search
  English  ▼

X  

ADE-8011 Datasheet(PDF) 1 Page - Level One

Part # ADE-8011
Description  Cat.5 Audio Transmitter/Receiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

ADE-8011 Datasheet(HTML) 1 Page - Level One

  ADE-8011 Datasheet HTML 1Page - Level One ADE-8011 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Cat.5 Audio
Transmitter/Receiver
ADE-8011
LevelOne Audio Extender
The LevelOne ADE-8011 is required when audio needs
to be transmitted together with DVI signals to remote
viewing stations. This Audio Transmitter/Receiver uses
a standard 4-wire type phone cable to transmit and
receive stereo audio from and up to 100m from the
controlling station.
H/W Version: 2
ADE-8001
Short-Range Receiver
ADE-8002
Long-Range Receiver
2
1
1. RJ-11 Input Port
2. 3.5mm Jack
Key Features
- Stereo audio transmitter/receiver
- Transmits stereo audio via 4-wire phone cable
- Extends Audio signal up to 100 meters
Works Well With


Similar Part No. - ADE-8011

ManufacturerPart #DatasheetDescription
logo
Level One
ADE-8001 LVL1-ADE-8001 Datasheet
411Kb / 2P
Short Range DVI-D Receiver
More results

Similar Description - ADE-8011

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8128 AD-AD8128 Datasheet
311Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
10/05-Revision 0
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
Integrated Digital Audio Interface Receiver and Transmitter
logo
Analog Devices
AD8128 AD-AD8128_15 Datasheet
312Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
REV. 0
logo
Level One
AVE-9200 LVL1-AVE-9200 Datasheet
905Kb / 3P
Cat.5 Audio/Video Receiver (incl. Cable)
AVE-9205 LVL1-AVE-9205 Datasheet
941Kb / 3P
5-port Cat.5 Audio/Video Broadcaster
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
Integrated Digital Audio Interface Receiver and Transmitter
logo
Level One
HVE-9111 LVL1-HVE-9111 Datasheet
388Kb / 2P
HDMI over Cat.5 Receiver, 300m
logo
Texas Instruments
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
logo
Analog Devices
AD8128 AD-AD8128_16 Datasheet
383Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
6/2016-Rev. 0 to Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com