Electronic Components Datasheet Search
  English  ▼

X  

IR2117 Datasheet(PDF) 9 Page - International Rectifier

Part # IR2117
Description  SINGLE CHANNEL DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2117 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR2117 Datasheet HTML 5Page - International Rectifier IR2117 Datasheet HTML 6Page - International Rectifier IR2117 Datasheet HTML 7Page - International Rectifier IR2117 Datasheet HTML 8Page - International Rectifier IR2117 Datasheet HTML 9Page - International Rectifier IR2117 Datasheet HTML 10Page - International Rectifier IR2117 Datasheet HTML 11Page - International Rectifier IR2117 Datasheet HTML 12Page - International Rectifier IR2117 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
IR2117(S)/IR2118(S) & (PbF)
www.irf.com
9
8
9
10
11
12
13
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 8A. Logic "1" (IR2118 "0") Input Voltage
vs. Tem perature
Min.
4
5
6
7
8
9
-50
-25
0
255075
100
125
Temperatre (oC)
Figure 9A. Logic "0" (IR2118 "1") Input Voltage
vs. Temperature
M ax.
Min.
3
6
9
12
15
18
10
12
14
16
18
20
V
cc Supply Voltage (V)
Figure 8B. Logic "1" (IR2118 "0") Input Voltage
vs. Supply Voltage
Figure 8B. Logic "1" (IR2118 "0") Input Voltage
vs. Supply Voltage
M ax.
0
3
6
9
12
15
10
12
14
16
18
20
V
cc Supply Voltage (V)
Figure 9B. Logic "0" (IR2118 "1") Input Voltage
vs. Supply Voltage
Figure 9B. Logic "0" (IR2118 "1") Input Voltage
vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com