Electronic Components Datasheet Search
  English  ▼

X  

MAX2242 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2242
Description  2.4GHz to 2.5GHz Linear Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2242 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2242 Datasheet HTML 1Page - Maxim Integrated Products MAX2242 Datasheet HTML 2Page - Maxim Integrated Products MAX2242 Datasheet HTML 3Page - Maxim Integrated Products MAX2242 Datasheet HTML 4Page - Maxim Integrated Products MAX2242 Datasheet HTML 5Page - Maxim Integrated Products MAX2242 Datasheet HTML 6Page - Maxim Integrated Products MAX2242 Datasheet HTML 7Page - Maxim Integrated Products MAX2242 Datasheet HTML 8Page - Maxim Integrated Products MAX2242 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
p2.4GHz to 2.5GHz
Linear Power Amplifier
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VCC = +3.3V, fIN = 2.45MHz, RF modulation = IEEE 802.11b, V SHDN = VCC, TA = +25°C, unless otherwise noted.)
0
5
15
10
20
25
OUTPUT POWER HISTOGRAM AT FIXED
0.8V POWER DETECTOR VOLTAGE
OUTPUT POWER (dBm)
12.1 12.3 12.5 12.7 12.9 13.1 13.3 13.5 13.7
SIGMA = 0.25dBm
BASED ON 100 PARTS
0
5
10
15
20
2.2
3.4
4.6
5.8
2.8
4.0
5.2
6.4 7.0
OUTPUT POWER HISTOGRAM AT FIXED
0.5V POWER DETECTOR VOLTAGE
OUTPUT POWER (dBm)
SIGMA = 0.75dBm
BASED ON 100 PARTS
-13
-15
-11
-5
-3
-7
-9
-1
2400
2420
2440
2460
2480
2500
S11, S22, vs. FREQUENCY
FREQUENCY (MHz)
PIN = -15dBm
S22
S11
25
26
27
28
29
30
2400
2440
2420
2460
2480
2500
MAX2242
S21 vs. FREQUENCY
FREQUENCY (MHz)
PIN = -15dBm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com