Electronic Components Datasheet Search
  English  ▼

X  

IR2127 Datasheet(PDF) 8 Page - International Rectifier

Part # IR2127
Description  SURRENT SENSING SINGLE CHANNEL DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2127 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR2127 Datasheet HTML 4Page - International Rectifier IR2127 Datasheet HTML 5Page - International Rectifier IR2127 Datasheet HTML 6Page - International Rectifier IR2127 Datasheet HTML 7Page - International Rectifier IR2127 Datasheet HTML 8Page - International Rectifier IR2127 Datasheet HTML 9Page - International Rectifier IR2127 Datasheet HTML 10Page - International Rectifier IR2127 Datasheet HTML 11Page - International Rectifier IR2127 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
www.irf.com
IR2127(S) / IR21271(S) / IR2128(S) & (PbF)
0
200
400
600
800
1000
1200
1400
1600
-50
-25
0
25
50
75
100
125
Max.
Typ
Min.
Temperature (oC)
Figure 14A Start-Up Blanking Time vs. Temperature
Temperature (oC)
Figure 13A Turn-Off Fall Time vs. Temperature
0
50
100
150
200
-50
-25
0
25
50
75
100
125
Te m perature (°C)
Max.
Typ
.
0
200
400
600
800
1000
1200
1400
1600
10
12
14
16
18
20
Max.
Typ.
Min.
Vcc Supply Voltage (V)
Figure 14B Start-Up Blanking Time
vs Voltage
VBIAS Supply Voltage (V)
Figure 13B Turn-Off Fall Time vs. Voltage
200
150
100
50
0
10
12
14
16
18
20
Max.
Typ
.
Temperature (
oC)
Figure 12A Turn-On Rise Time vs. Temperature
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Te m pe rature (°C)
Typ
Max
.
0
100
200
300
400
500
10
12
14
16
18
20
Typ.
Max.
VBIAS Supply Voltage (V)
Figure 12B Turn-On Rise Time vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com