Electronic Components Datasheet Search
  English  ▼

X  

IR2133 Datasheet(PDF) 10 Page - International Rectifier

Part # IR2133
Description  3-PHASE BRIDGE DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2133 Datasheet(HTML) 10 Page - International Rectifier

Back Button IR2133 Datasheet HTML 6Page - International Rectifier IR2133 Datasheet HTML 7Page - International Rectifier IR2133 Datasheet HTML 8Page - International Rectifier IR2133 Datasheet HTML 9Page - International Rectifier IR2133 Datasheet HTML 10Page - International Rectifier IR2133 Datasheet HTML 11Page - International Rectifier IR2133 Datasheet HTML 12Page - International Rectifier IR2133 Datasheet HTML 13Page - International Rectifier IR2133 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
IR2133/IR2135/IR2233/IR2235(J&S)&(PbF)
10
www.irf.com
Min.
Typ.
M ax.
0
300
600
900
1200
1500
-50-25
0
25
50
75100
125
Temperature (oC)
_____
Figure 11A. ITRIP to FAULT Time
vs. Temperature
Min.
Typ.
M ax.
0
300
600
900
1200
1500
10
12.5
15
17.5
20
Supply Voltage (V)
_____
Figure 11B. ITRIP to FAULT Time
vs. Voltage
Min.
Typ.
M ax.
300
600
900
1200
1500
1800
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 12A. ITRIP to output shutdow n Time
vs. Temperature
Min.
Typ.
M ax.
300
600
900
1200
1500
1800
10
12.5
15
17.5
20
Supply Voltage (V)
Figure 12B. ITRIP to output shutdow n Time
vs. Voltage
Min.
Typ.
M ax.
300
600
900
1200
1500
1800
-50-25
0
25
50
75100
125
Temperature (oC)
________
______
Figure 13A. FLT-CLR to FAULT clear Time
vs. Temperature
Min.
Typ.
M ax.
300
600
900
1200
1500
1800
10
12.5
15
17.5
20
Supply Voltage (V)
________
______
Figure 13B. FLT-CLR to FAULT clear Time
vs. Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com