Electronic Components Datasheet Search
  English  ▼

X  

IR2153Z Datasheet(PDF) 3 Page - International Rectifier

Part # IR2153Z
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2153Z Datasheet(HTML) 3 Page - International Rectifier

  IR2153Z Datasheet HTML 1Page - International Rectifier IR2153Z Datasheet HTML 2Page - International Rectifier IR2153Z Datasheet HTML 3Page - International Rectifier IR2153Z Datasheet HTML 4Page - International Rectifier IR2153Z Datasheet HTML 5Page - International Rectifier IR2153Z Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IR2153Z
www.irf.com
3
Static Electrical Characteristics
VBIAS (VCC, VBS) = 12V, CL = 1000 pF, CT = 1 nF and TA = 25°C unless otherwise specified. The VIN, VTH and IIN
parameters are referenced to COM. The VO and IO parameters are referenced to COM and are applicable to the
respective output leads: HO or LO.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
fOSC
Oscillator Frequency
—
20.0
—
RT = 35.7 kW
—
100
—
RT = 7.04 kW
VCLAMP
VCC Zener Shunt Clamp Voltage
—
15.6
—
ICC = 5 mA
VCT+
2/3 VCC Threshold
—
8.0
—
VCT-
1/3 VCC Threshold
—
4.0
—
VCTSD
CT shutdown Input Threshold
—
2.2
—
VRT+
RT High Level Output Voltage, VCC - RT
—
0
100
IRT = -100 µA
—
200
300
IRT = -1 mA
VRT-
RT Low Level Output Voltage
—
20
50
IRT = 100 µA
—
200
300
IRT = 1 mA
VOH
High Level Output Voltage, VBIAS - VO
—
—
100
IO = 0A
VOL
Low Level Output Voltage, VO
—
—
100
IO = 0A
ILK
Offset Supply Leakage Current
—
—
50
VB = VS = 600V
IQBS
Quiescent VBS Supply Current
—
10
—
IQCCUV
Micropower VCC Supply Startup Current
—
90
—
VCC < VCCUV
IQCC
Quiescent VCC Supply Current
—
400
—
VCC > VCCUV
ICT
CT Input Current
—
0.001
1.0
VCCUV+
VCC Supply Undervoltage Positive Going
—
9.0
—
Threshold
VCCUV-
VCC Supply Undervoltage Negative Going
—
8.0
—
Threshold
VCCUVH
VCC Supply Undervoltage Lockout Hysteresis
—
1.0
—
V
IO+
Output High Short Circuit Pulsed Current
—
200
—
VO = 0V
IO-
Output Low Short Circuit Pulsed Current
—
400
—
VO = 15V
kHz
mV
V
V
mA
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com