Electronic Components Datasheet Search
  English  ▼

X  

IR2166 Datasheet(PDF) 13 Page - International Rectifier

Part # IR2166
Description  PFC & BALLAST CONTROL IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2166 Datasheet(HTML) 13 Page - International Rectifier

Back Button IR2166 Datasheet HTML 9Page - International Rectifier IR2166 Datasheet HTML 10Page - International Rectifier IR2166 Datasheet HTML 11Page - International Rectifier IR2166 Datasheet HTML 12Page - International Rectifier IR2166 Datasheet HTML 13Page - International Rectifier IR2166 Datasheet HTML 14Page - International Rectifier IR2166 Datasheet HTML 15Page - International Rectifier IR2166 Datasheet HTML 16Page - International Rectifier IR2166 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
IR2166 & (PbF)
www.irf.com
13
275
285
295
305
315
325
-25
0
25
50
75
100
125
Temperature (°C)
6
6.5
7
7.5
8
8.5
9
-25
0
25
50
75
100
125
Temperature (°C)
Graph 9: IZX (ZX Input Bias) vs TEMP
Graph 10: VZX (ZX Clamp Voltage) vs TEMP
3
3.5
4
4.5
5
-25
0
25
50
75
100
125
Temperature (°C)
3
3.5
4
4.5
5
-25
0
25
50
75
100
125
Temperature (°C)
VBUS+
VBUS-
Graph 11: VBUS Sense Thresh vs TEMP
Graph 12: VBUS+, VBUS- vs TEMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com