| Electronic Components Datasheet Search |
|
IR2184 Datasheet(PDF) 2 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IR2184 Datasheet(HTML) 2 Page - International Rectifier |
|
2 / 24 page ![]() IR2184(4)(S)&(PbF) 2 www.irf.com Symbol Definition Min. Max. Units VB High side floating absolute voltage -0.3 625 VS High side floating supply offset voltage VB - 25 VB + 0.3 VHO High side floating output voltage VS - 0.3 VB + 0.3 VCC Low side and logic fixed supply voltage -0.3 25 VLO Low side output voltage -0.3 VCC + 0.3 DT Programmable dead-time pin voltage (IR21844 only) VSS - 0.3 VCC + 0.3 VIN Logic input voltage (IN & SD) VSS - 0.3 VSS + 10 VSS Logic ground (IR21844 only) VCC - 25 VCC + 0.3 dVS/dt Allowable offset supply voltage transient — 50 V/ns PD Package power dissipation @ TA ≤ +25°C (8-lead PDIP) — 1.0 (8-lead SOIC) — 0.625 (14-lead PDIP) — 1.6 (14-lead SOIC) — 1.0 RthJA Thermal resistance, junction to ambient (8-lead PDIP) — 125 (8-lead SOIC) — 200 (14-lead PDIP) — 75 (14-lead SOIC) — 120 TJ Junction temperature — 150 TS Storage temperature -50 150 TL Lead temperature (soldering, 10 seconds) — 300 V °C °C/W W Absolute Maximum Ratings Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. Recommended Operating Conditions The input/output logic timing diagram is shown in figure 1. For proper operation the device should be used within the recommended conditions. The VS and VSS offset rating are tested with all supplies biased at 15V differential. Note 1: Logic operational for VS of -5 to +600V. Logic state held for VS of -5V to -VBS. (Please refer to the Design Tip DT97-3 for more details). Note 2: IN and SD are internally clamped with a 5.2V zener diode. VB High side floating supply absolute voltage VS + 10 VS + 20 VS High side floating supply offset voltage Note 1 600 VHO High side floating output voltage VS VB VCC Low side and logic fixed supply voltage 10 20 VLO Low side output voltage 0 VCC VIN Logic input voltage (IN & SD) VSS VSS + 5 DT Programmable dead-time pin voltage (IR21844 only) VSS VCC VSS Logic ground (IR21844 only) -5 5 TA Ambient temperature -40 125 °C V Symbol Definition Min. Max. Units |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |