Electronic Components Datasheet Search
  English  ▼

X  

2N5632 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2N5632
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N5632 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N5632_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N5632_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N5632_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon NPN Power Transistors
2N5632 2N5633 2N5634
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N5632
100
2N5633
120
VCEO(sus)
Collector-emitter
sustaining voltage
2N5634
IC=0.2A ;IB=0
140
V
VCEsat-1
Collector-emitter saturation voltage
IC=7A; IB=0.7A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=10A ;IB=2A
3.0
V
VBEsat
Collector-emitter saturation voltage
IC=10A ;IB=2A
2.5
V
VBE
Base-emitter on voltage
IC=5A ; VCE=5V
1.5
V
2N5632
VCE=50V; IB=0
2N5633
VCE=60V; IB=0
ICEO
Collector cut-off current
2N5634
VCE=70V; IB=0
1.0
mA
VCE=ratedVCB
1.0
ICEV
Collector cut-off current
(VBE(off)=1.5V)
VCE=ratedVCB; TC=150℃
5.0
mA
IEBO
Emitter cut-off current
VEB=7V; IC=0
1.0
mA
2N5632
25
100
2N5633
20
80
hFE
DC current gain
2N5634
IC=5A ; VCE=5V
15
60
fT
Transition frequency
IC=1A ; VCE=20V
1.0
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com