Electronic Components Datasheet Search
  English  ▼

X  

MAX2406EEP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2406EEP
Description  Low-Cost Downconverter with Low-Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2406EEP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2406EEP Datasheet HTML 1Page - Maxim Integrated Products MAX2406EEP Datasheet HTML 2Page - Maxim Integrated Products MAX2406EEP Datasheet HTML 3Page - Maxim Integrated Products MAX2406EEP Datasheet HTML 4Page - Maxim Integrated Products MAX2406EEP Datasheet HTML 5Page - Maxim Integrated Products MAX2406EEP Datasheet HTML 6Page - Maxim Integrated Products MAX2406EEP Datasheet HTML 7Page - Maxim Integrated Products MAX2406EEP Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low-Cost Downconverter
with Low-Noise Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 5.5V, RXEN = 2V, LNAIN = RXMXIN = open, LNAOUT pulled up with 100Ω to VCC, IF and IF pulled up with 50Ω to
VCC, TA = -40°C to +85°C. Typical values are at TA = +25°C and VCC = 3.0V, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Guaranteed by design and characterization.
Note 2: 1.9GHz and 1.901GHz tones at -30dBm per tone.
Note 3: 1.9GHz and 1.901GHz tones at -21.5dBm per tone.
Note 4: Mixer operation is guaranteed to this frequency. For optimum gain, adjust IF output match. See the IF Output Impedance
(single ended) vs. Frequency graph in the
Typical Operating Characteristics.
Note 5: Time from RXEN = low to RXEN = high, until the combined receive gain is within 1dB of its final value. Measured with 47pF
blocking capacitors on LNAIN and LNAOUT.
Note 6: At this LO drive level, the mixer conversion gain is typically 1dB lower than with -10dBm LO drive.
VCC to GND ................................................................-0.3V to 6V
LNAIN Input Power ...........................................................15dBm
LO, LO Input Power ..........................................................10dBm
RXMXIN Input Power ........................................................10dBm
RXEN Voltage to GND ................................-0.3V to (VCC + 0.3V)
RXEN Current........................................................................5mA
Continuous Power Dissipation (TA = +70°C)
QSOP (derate 9.1mW/°C above +70°C) ......................727mW
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature.........................................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
RXEN = 2.0V
RXEN = GND, VCC = 3.0V
CONDITIONS
V
0.6
RXEN Input Voltage Low
V
2.0
V
2.7
5.5
Supply-Voltage Range
RXEN Input Voltage High
µA
0.1
1.0
RXEN Input Bias Current
mA
20
30
Supply Current, Receive Mode
µA
0.1
10
Supply Current, Shutdown Mode
UNITS
MIN
TYP
MAX
PARAMETER
TA = TMIN to TMAX
TA = +25°C
(Notes 1 and 4)
RXEN = high or low
(Note 3)
Single sideband
(Note 2)
TA = +25°C
(Note 6)
TA = TMIN to TMAX
(Notes 1 and 5)
CONDITIONS
dBm
-49
LO to LNAIN Leakage
dBm
-17
Minimum LO Drive Level
µs
0.5
2.5
Receiver Turn-On Time
dB
2.5
LNA Noise Figure
12.2
18.8
dB
13.6
16
17.6
LNA Gain (Note 1)
MHz
450
Mixer Output Frequency
dBm
-7
Mixer Input 1dB Compression
dBm
4.5
Mixer Input IP3
dB
9.1
Mixer Noise Figure
dBm
-9.5
LNA Input IP3
dBm
-5.6
LNA Output 1dB Compression
dB
7.4
8.4
9.0
Mixer Conversion Gain (Note 1)
6.2
10.2
UNITS
MIN
TYP
MAX
PARAMETER
AC ELECTRICAL CHARACTERISTICS
(MAX2406EVKIT, Rev. B, VCC = 3.0V, RXEN = VCC, ƒLO = 1.5GHz, ƒLNAIN = ƒRXMXIN = 1.9GHz, PLNAIN = -30dBm,
PRXMXIN = -21.5dBm, PLO = -10dBm, differential IF operation, 50Ω system, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com