Electronic Components Datasheet Search
  English  ▼

X  

2N6246 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2N6246
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N6246 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N6246_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6246_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6246_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon PNP Power Transistors
2N6246 2N6247 2N6248
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6246
60
2N6247
80
VCEO
Collector-emitter
sustaining voltage
2N6248
IC=0.2A ;IB=0
100
V
2N6246
IC=7A; IB=0.7A
2N6247
IC=6A; IB=0.6A
VCEsat-1
Collector-emitter
saturation voltage
2N6248
IC=5A; IB=0.5A
1.3
V
2N6246
IC=15A; IB=3A
2.5
2N6247
IC=15A; IB=4A
VCEsat-2
Collector-emitter
saturation voltage
2N6248
IC=10A; IB=2A
3.5
V
2N6246
IC=7A ; VCE=4V
2.0
2N6247
IC=6A ; VCE=4V
1.8
VBE
Base-emitter
on
voltage
2N6248
IC=5A ; VCE=4V
1.8
V
ICEO
Collector cut-off current
VCE=1/2Rated VCEO; IB=0
1.0
mA
2N6246
VCE=65V; VBE=-1.5V
VCE=55V; VBE=-1.5V TC=150℃
0.2
5.0
2N6247
VCE=85V; VBE=-1.5V
VCE=70V; VBE=-1.5V TC=150℃
0.2
5.0
ICEX
Collector
cut-off
current
2N6248
VCE=100V; VBE=-1.5V
VCE=90V; VBE=-1.5V TC=150℃
0.2
5.0
mA
2N6246
5.0
IEBO
Emitter
cut-off
current
2N6247/6248
VEB=5V; IC=0
1.0
mA
2N6246
IC=7A ; VCE=4V
2N6247
IC=6A ; VCE=4V
hFE-1
DC current gain
2N6248
IC=5A ; VCE=4V
20
100
2N6246
IC=15A ; VCE=4V
2N6247
IC=15A ; VCE=4V
hFE-2
DC current gain
2N6248
IC=10A ; VCE=4V
5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com