Electronic Components Datasheet Search
  English  ▼

X  

CT915AYF Datasheet(PDF) 1 Page - Central Technologies

Part # CT915AYF
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT915AYF Datasheet(HTML) 1 Page - Central Technologies

  CT915AYF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 04.24.12
Power Inductors - Shielded
www.ctparts.com
CT915AYF
Series
From 1.1 µH to 100 µH
SPECIFICATIONS
Part numbers indicate available tolerance.
M = ±20%, N = ±30%
*Inductance drops no more than 30% of initial value at Isat.
L Test
DCR
Part
Inductance
Freq.
Max.
*Isat
Number
(µH)
(KHz)
(
Ω)
(A)
CT915AYF-1R1N
1.1
100
0.020
3.87
CT915AYF-2R0N
2.0
100
0.027
2.92
CT915AYF-3R3N
3.3
100
0.034
2.36
CT915AYF-4R7N
4.7
100
0.045
1.87
CT915AYF-6R8M
6.8
100
0.068
1.51
CT915AYF-100M
10
100
0.090
1.33
CT915AYF-150M
15
100
0.142
1.05
CT915AYF-220M
22
100
0.208
0.86
CT915AYF-330M
33
100
0.257
0.72
CT915AYF-470M
47
100
0.352
0.62
CT915AYF-680M
68
100
0.525
0.51
CT915AYF-101M
100
100
0.801
0.43
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD (shielded) power inductor.
Applications: Cellular phones, smart phones, MP3 players,
PDA, Palmtop, wireless handhelds, LCD Televisions, DC/DC
converters, etc.
Operating Temperature: -25°C to +85°C
Inductance Tolerance: ±20% and ±30%
Testing: Tested on a HP4285A at 100KHz, 0.1Vrms.
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
xxx
Top view
Side view
Bottom view
Inductance Code
1.0
1.0
4.0
2.0
A
B
C
D
Max.
Max.
Max.
Max.
5.3
5.3
3.0
5.72
0.209
0.209
0.118
0.225
Size
mm
inches
CT915AYF-100M
10
100
0.090
1.33
CT915AYF-150M
15
100
0.142
1.05
CT915AYF-220M
22
100
0.208
0.86
CT915AYF-330M
33
100
0.257
0.72
CT915AYF-470M
47
100
0.352
0.62
CT915AYF-680M
68
100
0.525
0.51
Unit: mm


Similar Part No. - CT915AYF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT914BYF CT-CT914BYF Datasheet
202Kb / 1P
Power Inductors - Shielded
CT914BYF-100M CT-CT914BYF-100M Datasheet
202Kb / 1P
Power Inductors - Shielded
CT914BYF-101M CT-CT914BYF-101M Datasheet
202Kb / 1P
Power Inductors - Shielded
CT914BYF-150M CT-CT914BYF-150M Datasheet
202Kb / 1P
Power Inductors - Shielded
CT914BYF-1R2M CT-CT914BYF-1R2M Datasheet
202Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CT915AYF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com