Electronic Components Datasheet Search
  English  ▼

X  

CTCDRH73BF Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDRH73BF
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDRH73BF Datasheet(HTML) 1 Page - Central Technologies

  CTCDRH73BF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 08.22.12
Power Inductors - Shielded
www.ctparts.com
CTCDRH73BF
Series
From 10 µH to 1000 µH
SPECIFICATIONS
Parts are available in ±20% inductance tolerance.
L Test
DCR
IDC
Part
Inductance
Freq.
Max.
Max.
Number
(µH)
(KHz)
(W)
(A)
CTCDRH73BF-100M
10
1.0
.07
1.7
CTCDRH73BF-120M
12
1.0
.10
1.5
CTCDRH73BF-150M
15
1.0
.13
1.3
CTCDRH73BF-180M
18
1.0
.14
1.2
CTCDRH73BF-220M
22
1.0
.19
1.1
CTCDRH73BF-270M
27
1.0
.21
.96
CTCDRH73BF-330M
33
1.0
.24
.91
CTCDRH73BF-390M
39
1.0
.32
.77
CTCDRH73BF-470M
47
1.0
.36
.76
CTCDRH73BF-560M
56
1.0
.47
.68
CTCDRH73BF-680M
68
1.0
.52
.61
CTCDRH73BF-820M
82
1.0
.69
.57
CTCDRH73BF-101M
100
1.0
.79
.50
CTCDRH73BF-121M
120
1.0
.89
.49
CTCDRH73BF-151M
150
1.0
1.3
.43
CTCDRH73BF-181M
180
1.0
1.5
.39
CTCDRH73BF-221M
220
1.0
1.7
.35
CTCDRH73BF-271M
270
1.0
2.3
.32
CTCDRH73BF-331M
330
1.0
2.6
.28
CTCDRH73BF-391M
390
1.0
2.9
.26
CTCDRH73BF-471M
470
1.0
4.2
.24
CTCDRH73BF-561M
560
1.0
4.7
.22
CTCDRH73BF-681M
680
1.0
5.7
.19
CTCDRH73BF-821M
820
1.0
6.5
.18
CTCDRH73BF-102M
1000
1.0
9.4
.16
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: SMD (shielded) power inductor.
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4284A at 1.0KHz.
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: Magnetically shielded.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
C
D
E
B
Marking
(Inductance Code)
XXX
A
B
C
D
E
Max.
Max.
Max.
7.5
7.5
3.4
2.7±0.5
5.4±0.2
0.3
0.3
0.13
0.11±0.02
0.21±0.008
Size
mm
inches


Similar Part No. - CTCDRH73BF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH73BF-100M CT-CTCDRH73BF-100M Datasheet
227Kb / 1P
Power Inductors - Shielded
CTCDRH73BF-101M CT-CTCDRH73BF-101M Datasheet
227Kb / 1P
Power Inductors - Shielded
CTCDRH73BF-102M CT-CTCDRH73BF-102M Datasheet
227Kb / 1P
Power Inductors - Shielded
CTCDRH73BF-120M CT-CTCDRH73BF-120M Datasheet
227Kb / 1P
Power Inductors - Shielded
CTCDRH73BF-121M CT-CTCDRH73BF-121M Datasheet
227Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTCDRH73BF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com