Electronic Components Datasheet Search
  English  ▼

X  

NJM2188D Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2188D
Description  Passive Matrix TruSurround 3D Audio Processor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2188D Datasheet(HTML) 3 Page - New Japan Radio

  NJM2188D Datasheet HTML 1Page - New Japan Radio NJM2188D Datasheet HTML 2Page - New Japan Radio NJM2188D Datasheet HTML 3Page - New Japan Radio NJM2188D Datasheet HTML 4Page - New Japan Radio NJM2188D Datasheet HTML 5Page - New Japan Radio NJM2188D Datasheet HTML 6Page - New Japan Radio NJM2188D Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NJM2188
- 3 -
s
s
s
sABSOLUTE MAXIMUM RATING (Ta=25
°°°°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+
15
V
Power Dissipation
PD
(DIP16)
500
(DMP16)
300
(SSOP16)
300
mW
Operating Temperature Range
Topr
-40 to
+85
°C
Storage Temperature Range
Tstg
-40 to +125
°C
s
s
s
sELECTRICAL CHARACTERISTICS(V
+=12V,Ta=25
°°°°C)
CONDITION
IN
PARAMETER
SYMBOL
L
R
OUT
MODE
MIN
TYP
MAX
UNIT
Operating
Voltage
V
+
-
-
-
-
4.7
12.0
13.0
V
0
0
-
BYPASS
0
0
-
TRU
Supply
Current
Icc
No Signal
0
0
-
SRS 3D-1
-
9.0
13.5
mA
Reference
Voltage
VREF
V
+/2
-
-
-
-
5.5
6.0
6.5
V
VIN
0
L
f=1kHz
THD=3%
0
VIN
R
BYPASS
11.0
(3.55)
12.0
(3.98)
-
VIN
0
L
4.5
(1.67)
6.5
(2.11)
-
VIN
0
R
7.3
(2.32)
9.3
(2.92)
-
f=125Hz
THD=3%
VIN
VIN
L
TRU
3.9
(1.57)
5.9
(1.97)
-
VIN
0
L
7.5
(2.37)
9.5
(3.0)
-
VIN
0
R
7.3
(2.32)
9.3
(2.92)
-
f=125Hz
THD=3%
VIN
VIN
L
SRS3D-1
4.0
(1.58)
6.0
(2.0)
-
VIN
0
L
7.5
(2.37)
9.5
(3.0)
-
VIN
0
R
7.5
(2.37)
9.5
(3.0)
-
Maximum
Input
Voltage
VINMAX
f=125Hz
THD=3%
VIN
VIN
L
SRS3D-2
4.5
(1.68)
6.5
(2.11)
-
dBV
(Vrms)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com