Electronic Components Datasheet Search
  English  ▼

X  

MAX2450CEP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2450CEP
Description  3V, Ultra-Low-Power Quadrature Modulator/Demodulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2450CEP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2450CEP Datasheet HTML 1Page - Maxim Integrated Products MAX2450CEP Datasheet HTML 2Page - Maxim Integrated Products MAX2450CEP Datasheet HTML 3Page - Maxim Integrated Products MAX2450CEP Datasheet HTML 4Page - Maxim Integrated Products MAX2450CEP Datasheet HTML 5Page - Maxim Integrated Products MAX2450CEP Datasheet HTML 6Page - Maxim Integrated Products MAX2450CEP Datasheet HTML 7Page - Maxim Integrated Products MAX2450CEP Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3V, Ultra-Low-Power Quadrature
Modulator/Demodulator
_______________________________________________________________________________________
3
7.0
6.8
6.6
6.4
6.2
6.0
5.8
5.6
5.4
5.2
5.0
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
SUPPLY CURRENT
vs. TEMPERATURE
VCC = 2.7V
VCC = 3.3V
VCC = 3.0V
0
2
4
6
8
10
12
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
VCC = 2.7V
VCC = 3.3V
VCC = 3.0V
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
-30
-34
-38
-42
-46
-50
-54
-26
-22
-18
-14
-10
-6
BASEBAND INPUT (dBVRMS)
MODULATOR IF OUTPUT
vs. BASEBAND INPUT
Vp-p = 2 2 x 10
(V)
dBVRMS
20
(Note 1)
VI_IN/I_IN, = VQ_IN/Q_IN = 1.2Vp-p,
RL = 200k
Ω differential,
CL < 5pF differential
VI_IN/I_IN = 1.35Vp-p composite
(Note 4)
VI_IN/I_IN = 1.35Vp-p composite
(Note 4)
CONDITIONS
V
1.25
1.75
Input Common-Mode Voltage Range
Vp-p
1.35
VI_IN/I_IN,
VQ_IN/Q_IN
Allowable Differential Input Voltage
dBc
-36
Carrier Suppression at Modulator
Output
dBc
38
Sideband Rejection
MHz
15
BWMOD
I and Q Signal 3dB Bandwidth
mVp-p
65
VIF_OUT/IF_OUT
IF Differential Output Voltage
dBc
-60
IM3IF
IF Output IM3 Level
dBc
-60
IM5IF
IF Output IM5 Level
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2450 EV kit, VCC = LO_VCC = ENABLE = 3.0V, fLO = 140MHz, fI_IN/I_IN = fQ_IN/Q_IN = 600kHz, VI_IN/I_IN = VQ_IN/Q_IN = 1.2Vp-p,
fIF_IN = 70.1MHz, VIF_IN = 2.82mVp-p, TA = +25°C, unless otherwise noted.)
MODULATOR
Note 1: Guaranteed by design, not tested.
Note 2: fIF_IN = 2 tones at 70.10MHz and 70.11MHz. VIF_IN = 1.41mVp-p per tone.
Note 3: The frequency range can be extended in either direction, but has not been characterized. At higher frequencies, the
modulator IF output amplitude may decrease and distortions may increase.
Note 4: Q_IN/Q_IN ports are terminated. fI_IN/I_IN = 2 tones at 550kHz and 600kHz.
__________________________________________Typical Operating Characteristics
(MAX2450 EV kit, VCC = LO_VCC = ENABLE = 3.0V, fLO = 140MHz, fI_IN/I_IN = fQ_IN/Q_IN = 600kHz, VI_IN/I_IN = VQ_IN/Q_IN = 1.2Vp-p,
fIF_IN = 70.1MHz, VIF_IN = 2.82mVp-p, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com