Electronic Components Datasheet Search
  English  ▼

X  

1610 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # 1610
Description  MSA-compatible 2.5 Gb/s Cooled DFB TOSA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

1610 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  1610 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1610/11-Series
MSA-compatible 2.5 Gb/s Cooled DFB TOSA
Product Brief
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
CyOptics and the CyOptics logo are trademarks of CyOptics, Inc. in the United States and other countries.
Data subject to change. Copyright © 2005-2013 CyOptics, Inc. All rights reserved.
AV02-4116EN - June 5, 2013
Description
The 1610/11-Series 2.5 Gb/s transmitter optical subas-
sembly (TOSA) integrates a high-speed laser, a monitor
photodiode and a micro-TEC in a small form-factor met-
allized ceramic package. It is designed for use in small
form-factor pluggable (SFP) transceivers and other types
of optical modules for high-speed telecommunication
and data applications including WDM SONET OC-48, SDH
STM-16, Fiber Channel and Gibabit Ethernet.
The 1610/11-Series is available in the full range of C band
ITU-T wavelengths operating at 2.5 Gb/s per channel. The
device exhibits excellent wavelength stability, supporting
operation at 100 GHz channel spacing over 15 years (as-
suming an end-of-life aging condition of <±90 pm), with
low hazard rates (~100FIT wearout over 20 yrs.). L band
versions are also available, as shown in the Ordering Infor-
mation tables.
Features
• Ultra small form factor 9-pin MSA DFB TOSA
• Data rates up to 2.7Gb/s
• For use up to 200 km (4000 ps/nm) at 2.5 Gb/s
• +6 dBm typical optical output power (200km version)
• Wavelength selectable to ITU-T grid wavelengths, C
band and L band wavelengths
• Suitable for use in 100GHz channel spacing DWDM
systems
• Temperature stabilized; can also be operated in
partially cooled mode for CWDM applications
• Maximum power consumption less than 0.2W
• LC receptacle or pigtailed versions available
• 25W single-ended data input
• Case operating temperature ranges:
-5 to +75°C (standard)
-40 to +85°C (extended)
Applications
• SFP Transceivers for DWDM, CWDM and SONET/SDH,
GbE & Fibre Channel
• Line cards
Note: Avagos’ 1610 and 1611 type TOSA is available with LC receptacle
(for use in DWDM SFP and other pluggable transceivers) or fiber pigtail
(for use on line cards)


Similar Part No. - 1610

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
1610 BOARDCOM-1610 Datasheet
131Kb / 1P
MSA-compatible 2.5 Gb/s Cooled DFB TOSA
logo
Abbatron All Rights Res...
1610 ABBATRON-1610 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
List of Unclassifed Man...
1610-01 ETC2-1610-01 Datasheet
72Kb / 1P
KNOB
logo
ETAL Group
1610-21 ETAL-1610-21 Datasheet
259Kb / 4P
Extra low voltage wiring systems on all types of vehicles and marine craft
1610-21-10A ETAL-1610-21-10A Datasheet
259Kb / 4P
Extra low voltage wiring systems on all types of vehicles and marine craft
More results

Similar Description - 1610

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8511UD CEL-NX8511UD Datasheet
137Kb / 3P
NECs 1550 nm InGaAsP MQW-DFB TOSA FOR LONG HAUL 2.5 Gb/s APPLICATIONS
05/03/2004
NX8311UD CEL-NX8311UD Datasheet
459Kb / 9P
1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8312UD CEL-NX8312UD Datasheet
328Kb / 5P
NECs 1310 nm InGaAsP MQW DFB TOSA FOR SHORT HAUL 2.5 Gb/s APPLICATION
NX8510UD CEL-NX8510UD Datasheet
354Kb / 6P
NECs InGaAsP MQW-DFB TOSA FOR 2.5 Gb/s CWDM APPLICATIONS
logo
AVAGO TECHNOLOGIES LIMI...
1608L1 AVAGO-1608L1 Datasheet
131Kb / 1P
MSA-compatible 4.25Gb/s Cooled DWDM DFB TOSA
1625 AVAGO-1625 Datasheet
168Kb / 1P
XMD MSA-compatible 10 Gb/s Cooled EML TOSA
1655 AVAGO-1655 Datasheet
169Kb / 1P
XMD MSA-compatible 10 Gb/s Cooled EML TOSA
logo
Broadcom Corporation.
1608L1 BOARDCOM-1608L1 Datasheet
122Kb / 1P
MSA-compatible 4.25Gb/s Cooled DWDM DFB TOSA
1610 BOARDCOM-1610 Datasheet
131Kb / 1P
MSA-compatible 2.5 Gb/s Cooled DFB TOSA
1625 BOARDCOM-1625 Datasheet
160Kb / 1P
XMD MSA-compatible 10 Gb/s Cooled EML TOSA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com