Electronic Components Datasheet Search
  English  ▼

X  

TO293x Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # TO293x
Description  Laser & detector chip & TO-can products
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

TO293x Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  TO293x Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Laser & detector chip & TO-can products
Product Brief
Features & Advantages:
• Industry leading chip (die) designs as used in Avago
TOSA/ ROSA and component products
• PON/ FTTx, Datacom & Telecom applications
• Extremely high reliability with over 200 billion field
service hours, <15 FIT random hazard rate
• CW to 10Gb/s FP, DFB, EML and APD chips
• CWDM and DWDM DFB and EML options
• Chip and chip-on-carrier APD options
• Existing high-volume TO-can packaging platform with
multiple window/ lensing options
Code
Rate
Comment
TO295x
2.5Gb/s
1.5mm DFB [1]
TO299x
10Gb/s
1.3mm FP in TO can
TO293x
2.5Gb/s to 10Gb/s
1.3mm DFB in TO can [1]
Notes:
1. CWDM options available
2. DWDM options available
Description
Avago Technologies supplies Indium Phosphide chips
and TO-cans as technology enablers for TOSA/ ROSA,
large form factor component and module manufacturers.
Avago has been a long-time industry leader in the design,
fabrication and quality assurance of high-performance
laser and detector chips, with over 25 million devices op-
erating in the field and with >350 billion service hours
(<1 FIT) since 2005 providing an unsurpassed record
for ultra-high reliability. For Dense WDM applications
up to 10Gbps, Avago offers class-leading capabilities in
the management of direct modulated (DML) and elec-
tro-absorptive modulated (EML) lasers at C and L band
wavelengths, for assured supply and flexibility. High tem-
perature DFB, Fabry Perot and APD detector chips up to
10Gbps as well as TO-can based solutions compliment
the product portfolio.
Ordering Information
Code
Rate
Comment
295x
CW to 2.5Gb/s
1.5mm DFB [1,2]
299x
2.5Gb/s to 10Gb/s
1.3mm Fabry Perot
293x
2.5Gb/s to 10Gb/s
1.3mm DFB [1]
294x
2.5Gb/s to 10Gb/s
1.5mm EML [2]
124x
2.5Gb/s to 10Gb/s
APD chip/ CoC
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
CyOptics and the CyOptics logo are trademarks of CyOptics, Inc. in the United States and other countries.
Data subject to change. Copyright © 2005-2013 CyOptics, Inc. All rights reserved.
AV02-4128EN - June 5, 2013


Similar Part No. - TO293x

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
TO293BN-RXYZ AVAGO-TO293BN-RXYZ Datasheet
641Kb / 6P
1310 nm TO-Can Package for 10 Gb/s Applications
More results

Similar Description - TO293x

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
7251 SYSTEMSENSOR-7251 Datasheet
206Kb / 2P
Low-Profile Plug-in Intelligent Laser Smoke Detector
logo
Gamewell-FCI by Honeywe...
SS-L GAMEWELL-FCI-SS-L Datasheet
233Kb / 4P
Laser Smoke Detector
logo
Roithner LaserTechnik G...
CHIP-1310-P5 ROITHNER-CHIP-1310-P5 Datasheet
62Kb / 2P
Laser Diode Bare Chip
CHIP-980-P50 ROITHNER-CHIP-980-P50 Datasheet
150Kb / 2P
Laser Diode Bare Chip
CHIP-650-P5 ROITHNER-CHIP-650-P5 Datasheet
256Kb / 3P
Laser Diode Bare Chip
logo
List of Unclassifed Man...
UIBEAMKIT ETC2-UIBEAMKIT Datasheet
78Kb / 1P
TO ORDER BURNDY PRODUCTS CALL
logo
M/A-COM Technology Solu...
MADS-011010-1419 MA-COM-MADS-011010-1419_15 Datasheet
175Kb / 3P
Schottky Zero Bias Detector Diode Chip
MADS-011010-1419 MA-COM-MADS-011010-1419 Datasheet
175Kb / 3P
Schottky Zero Bias Detector Diode Chip
logo
OSRAM GmbH
PLPT9450D_EA01 OSRAM-PLPT9450D_EA01 Datasheet
1Mb / 16P
Metal Can® Blue Laser Diode in TO90 Package
Version 1.3 2021-04-01
logo
ams AG
SPLDS90A AMSCO-SPLDS90A_3 Datasheet
592Kb / 12P
Chip Nanostack Pulsed Laser Diode
Version 1.4 2021-06-30
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com