Electronic Components Datasheet Search
  English  ▼

X  

MAX253 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX253
Description  Transformer Driver for Isolated RS-485 Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX253 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX253 Datasheet HTML 1Page - Maxim Integrated Products MAX253 Datasheet HTML 2Page - Maxim Integrated Products MAX253 Datasheet HTML 3Page - Maxim Integrated Products MAX253 Datasheet HTML 4Page - Maxim Integrated Products MAX253 Datasheet HTML 5Page - Maxim Integrated Products MAX253 Datasheet HTML 6Page - Maxim Integrated Products MAX253 Datasheet HTML 7Page - Maxim Integrated Products MAX253 Datasheet HTML 8Page - Maxim Integrated Products MAX253 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX253 is a monolithic oscillator/power-driver,
specifically designed to provide isolated power for an
isolated RS-485 or RS-232 data interface.
It
drives a center-tapped transformer primary from a 5V
or 3.3V DC power supply. The secondary can be
wound to provide any isolated voltage needed at power
levels up to 1W.
The MAX253 consists of a CMOS oscillator driving a
pair of N-channel power switches. The oscillator runs
at double the output frequency, driving a toggle flip-flop
to ensure 50% duty cycle to each of the switches.
Internal delays are arranged to ensure break-before-
make action between the two switches.
The SD pin puts the entire device into a low-power
shutdown state, disabling both the power switches and
oscillator.
________________________Applications
Isolated RS-485/RS-232 Power-Supply
Transformer Driver
High Noise-Immunity Communications Interface
Isolated and/or High-Voltage Power Supplies
Bridge Ground Differentials
Medical Equipment
Process Control
____________________________Features
o Power-Supply Transformer Driver for Isolated
RS-485/RS-232 Data-Interface Applications
o Single +5V or +3.3V Supply
o Low-Current Shutdown Mode: 0.4µA
o Pin-Selectable Frequency: 350kHz or 200kHz
o 8-Pin DIP, SO, and µMAX Packages
______________Ordering Information
* Contact factory for dice specifications.
**Contact factory for availability and processing to MIL-STD-883.
Transformer Driver for
Isolated RS-485 Interface
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
D2
GND2
VCC
N.C.
SD
FS
GND1
D1
DIP/SO/
µMAX
TOP VIEW
MAX253
__________________Pin Configuration
MAX253
D1
D2
FS
GND1
GND2
VCC
1
8
46
27
3
VIN
SD
FREQUENCY
SWITCH
C3
C1
C2
5V @ 200mA
OUTPUT
5V
ON / OFF
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-0226; Rev 0; 1/94
PART
TEMP. RANGE
PIN-PACKAGE
MAX253CPA
0°C to +70°C
8 Plastic DIP
MAX253CSA
0°C to +70°C
8 SO
MAX253CUA
0°C to +70°C
8 µMAX
MAX253C/D
0°C to +70°C
Dice*
MAX253EPA
-40°C to +85°C
8 Plastic DIP
MAX253ESA
-40°C to +85°C
8 SO
MAX253EUA
-40°C to +85°C
8 µMAX
MAX253MJA
-55°C to +125°C
8 CERDIP**


Similar Part No. - MAX253

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX253 MAXIM-MAX253 Datasheet
826Kb / 17P
Transformer Driver for Isolated RS-485 Interface
Rev 1; 8/09
MAX253 MAXIM-MAX253 Datasheet
545Kb / 18P
Transformer Driver for Isolated RS-485 Interface
Rev 2; 4/10
MAX253 MAXIM-MAX253 Datasheet
296Kb / 18P
Transformer Driver for Isolated RS-485 Interface
2015
MAX2530 MAXIM-MAX2530 Datasheet
107Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A April 3, 2003
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
More results

Similar Description - MAX253

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX253 MAXIM-MAX253_09 Datasheet
826Kb / 17P
Transformer Driver for Isolated RS-485 Interface
Rev 1; 8/09
MAX253 MAXIM-MAX253_10 Datasheet
545Kb / 18P
Transformer Driver for Isolated RS-485 Interface
Rev 2; 4/10
logo
Texas Instruments
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
logo
MPS Industries, Inc.
M6201 MPSIND-M6201 Datasheet
164Kb / 1P
TRANSFORMER FOR RS-485 / RS-232 INTERFACE
logo
Texas Instruments
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
logo
Maxim Integrated Produc...
MAX253CPA MAXIM-MAX253CPA Datasheet
579Kb / 18P
MAX253 Transformer Driver for Isolated RS-485 Interface
Rev 2; 4/10
logo
Texas Instruments
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
logo
Maxim Integrated Produc...
MAX253 MAXIM-MAX253_V01 Datasheet
296Kb / 18P
Transformer Driver for Isolated RS-485 Interface
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com