Electronic Components Datasheet Search
  English  ▼

X  

SAS9341 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # SAS9341
Description  PCIe 3.0 SATASAS RAID Controllers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

SAS9341 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  SAS9341 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED SAS9341 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Visit the Avago Storage by LSI website at: lsi.com
Avago, Avago Technologies, MegaRAID, and the Storage by LSI logo are trademarks of Avago Technologies. All other trademarks are the
property of their respective owners.
Copyright ©2014 Avago Technologies. All rights reserved. > 10.07.14 PB0079.02
Product Brief
MegaRAID SAS 9341-8i & 9341-8i
Solution Provided
Low-cost, green SATA+SAS RAID solution for high-density servers and workstations with the flexibility to use both
SATA and SAS hard drives and solid state drives
Physical Dimensions
9341-8i & 9341-4i: 2.6” x 6.0”
Connectors
9341-8i: Two, x4, SFF-8643 mini-SAS HD horizontal connector placement
9341-4i: One, x4, SFF-8643 mini-SAS HD horizontal connector placement
Max Number of Physical Devices
Non-RAID (JBOD Mode): 64
RAID 0: 32 per volume
RAID 1: 2 per volume plus hot spare
RAID 5: 32 per volume
RAID 10: 32 per volume
RAID 50: 32 per volume
Host Bus Type
8-lane, 5 GT/s PCI Express 3.0 Compliant
Data Transfer Rates
Up to 12Gb/s per port
Key RAID Data Protection Features
• RAID levels 0, 1, 5, 10, 50 and JBOD mode
• Online Capacity Expansion (OCE)
• Online RAID Level Migration (RLM)
• Auto resume after loss of system power during array
rebuild or RLM
• Single controller multipathing (Load balancing)
• Drive hot plug support
• Drive roaming
• Selectable logical drive as boot drive
• Virtual Disk (VD) Consistency Check
• Fast initialization for quick array setup
• Staggered disk spin up
• Hot Spare support (up to 8)
–Global, dedicated (copy back), enclosure affinity
and emergency SATA support
• Automatic rebuild support
• SafeStore Encryption Services for SED HDDs
• Shielded state drive diagnostic technology
• Patrol Read media scan and repair
• Online HDD firmware update
• Error recovery support
• SAS TCQ support
• SATA NCQ support
• Support for native 4K HDDs
• Non disk device support
• >2TB logical drive support
• Soft bad block management
• DDF-compliant Configuration on Disk
• Foreign Configuration Import
• S.M.A.R.T. support
• SES (inband) & SGPIO (sideband) management
MegaRAID Management Suite
• MegaRAID Storage Manager™
–Now with single login for domain admin
• StorCLI (command-line interface)
• CTRL-R (BIOS configuration utility)
• HII (UEFI Human Interface Infrastructure)
Environments
Operating
0°C to 70°C
5 to 90% Non-condensing
Storage
-45°C to 105°C
5 to 90% Non-condensing
PCI Card Type
3.3V add-in Card
PCI Voltage
+12V +/-8%
PCI Power
13.0 W (normal), 19.04 W (max)
PCI Modes
Bus Master DMA
LED Indicators
Internal
Activity/Fault per x4 port – Heartbeat
MTFB
>2,800,000 hours
Compliances
EMC: Class B-US (CFR 47, P15B); Canada (ICES-003); Japan (V-3/02.04); Europe (EN55022/EN55024); Australia/New
Zealand (AS/NZS 3548); Safety: EN60950
Regulatory Certifications
EN55022, EN55024, EN60950, EN 61000-3-2, EN 61000-3-3; FCC Class A, Class B; UL1950; UL; CSA C22.2; VCCI; RRL for
MIC; BSMI; C-tick
OS Support
Extensive support includes Microsoft® Windows® Server 2012/Vista/2008/Server 2003, Linux®, Solaris™ (x86), FreeBSD®,
VMware® and more.
Visit the download center for the most complete list of supported operating systems: www.lsi.com/support
Brackets
Full Height and Low-Profile
Warranty
3 years, advanced replacement option; Free technical support at www.lsi.com/support
Ordering Information
LSI SAS 9341-4i Single Pack P/N: LSI00419, LSI SAS 9341-4i Kit P/N: LSI00406
LSI SAS 9341-8i Single Pack P/N: LSI00407, LSI SAS 9341-8i Kit P/N: LSI00408



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com