Electronic Components Datasheet Search
  English  ▼

X  

IR3475 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3475
Description  Compensation Loop not Required
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3475 Datasheet(HTML) 1 Page - International Rectifier

  IR3475 Datasheet HTML 1Page - International Rectifier IR3475 Datasheet HTML 2Page - International Rectifier IR3475 Datasheet HTML 3Page - International Rectifier IR3475 Datasheet HTML 4Page - International Rectifier IR3475 Datasheet HTML 5Page - International Rectifier IR3475 Datasheet HTML 6Page - International Rectifier IR3475 Datasheet HTML 7Page - International Rectifier IR3475 Datasheet HTML 8Page - International Rectifier IR3475 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
March 27, 2013  |  V2.2  |  PD97602
1
IR3475 
10A Highly Integrated SupIRBuck
TM 
FEATURES 
• Input Voltage Range: 3V to 27V  
• Output Voltage Range: 0.5V to 12V 
• Continuous 10A Load Capability 
• Constant On‐Time Control 
• Compensation Loop not Required  
• Excellent Efficiency at Very Low Output Currents 
• Programmable Switching Frequency and Soft Start  
• Thermally Compensated Over Current Protection 
• Power Good Output  
• Precision Voltage Reference (0.5V, +/‐1%) 
• Enable Input with Voltage Monitoring Capability  
• Pre‐bias Start Up 
• Thermal Shut Down  
• Under/Over Voltage Fault Protection  
• Forced Continuous Conduction Mode Option 
• Very Small, Low Profile 4mm x 5mm QFN Package 
 
 
BASIC APPLICATION 
 
Figure 1: IR3475 Basic Application Circuit 
DESCRIPTION 
The IR3475 SupIRBuck
TM is an easy‐to‐use, fully integrated 
and highly efficient DC/DC voltage regulator. The onboard 
constant on time hysteretic controller and MOSFETs make 
IR3475 a space‐efficient solution that delivers up to 10A of 
precisely controlled output voltage. 
Programmable switching frequency, soft start, and 
thermally compensated over current protection allows for 
a very flexible solution suitable for many different 
applications and an ideal choice for battery powered 
applications. 
Additional features include pre‐bias startup, very precise 
0.5V reference, under/over voltage shutdown, thermal 
protection, power good output, and enable input with 
voltage monitoring capability. 
APPLICATIONS 
• Notebook and Desktop Computers 
• Consumer Electronics – STB, LCD, TV, Printers 
• 12V and 24V Distributed Power Systems 
• General Purpose POL DC‐DC Converters 
• Game Consoles and Graphics Cards 
EFFICIENCY 
45%
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
0.01
0.1
1
10
Load Current (A)
VIN = 12V
VIN = 8V
VIN = 19V
 
Figure 2: IR3475 Efficiency 


Similar Part No. - IR3475

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
10A Highly Integrated SupIRBuck Constant On.Time Control
IR3475MTR1PBF IRF-IR3475MTR1PBF Datasheet
922Kb / 22P
10A Highly Integrated SupIRBuck Constant On.Time Control
IR3475MTRPBF IRF-IR3475MTRPBF Datasheet
922Kb / 22P
10A Highly Integrated SupIRBuck Constant On.Time Control
More results

Similar Description - IR3475

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51031 CHERRY-CS51031 Datasheet
153Kb / 8P
Fast PFET Buck Controller Does Not Require Compensation
Rev. 2/13/98
CS51033 CHERRY-CS51033 Datasheet
159Kb / 8P
Fast PFET Buck Controller Does Not Require Compensation
Rev. 2/13/98
logo
Johanson Technology Inc...
2650AT43A0100 JOHANSON-2650AT43A0100 Datasheet
188Kb / 4P
2.6~2.7GHz Chip Antenna (Ground Clearance Not Required)
logo
International Rectifier
IR3473M IRF-IR3473M_15 Datasheet
909Kb / 22P
Compensation Loop not Required
IR3476M IRF-IR3476M_15 Datasheet
884Kb / 21P
Compensation Loop not Required
logo
Laird Tech Smart Techno...
780 LSTD-780 Datasheet
451Kb / 2P
Heat sink preheating not required
logo
PHOENIX CONTACT
1818986 PHOENIX-1818986 Datasheet
85Kb / 3P
Time saving push-in connection, tools not required
1703594 PHOENIX-1703594 Datasheet
107Kb / 5P
Time saving push-in connection, tools not required
1873443 PHOENIX-1873443 Datasheet
110Kb / 4P
Time saving push-in connection, tools not required
2781466 PHOENIX-2781466 Datasheet
50Kb / 3P
Cover cap, for closing LED cutouts which are not required.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com