Electronic Components Datasheet Search
  English  ▼

X  

IR3477 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3477
Description  Excellent Efficiency at Very Low Output Currents
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3477 Datasheet(HTML) 1 Page - International Rectifier

  IR3477 Datasheet HTML 1Page - International Rectifier IR3477 Datasheet HTML 2Page - International Rectifier IR3477 Datasheet HTML 3Page - International Rectifier IR3477 Datasheet HTML 4Page - International Rectifier IR3477 Datasheet HTML 5Page - International Rectifier IR3477 Datasheet HTML 6Page - International Rectifier IR3477 Datasheet HTML 7Page - International Rectifier IR3477 Datasheet HTML 8Page - International Rectifier IR3477 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
March 27, 2013  |   V2.5  |  PD97604
1
IR3477 
15A Highly Integrated SupIRBuck
TM 
FEATURES 
• Input Voltage Range: 3V to 27V  
• Output Voltage Range: 0.5V to 12V 
• Continuous 15A Load Capability 
• Constant On‐Time Control 
• Compensation Loop not Required  
• Excellent Efficiency at Very Low Output Currents 
• Programmable Switching Frequency and Soft Start  
• Thermally Compensated Over Current Protection 
• Power Good Output  
• Precision Voltage Reference (0.5V, +/‐1%) 
• Enable Input with Voltage Monitoring Capability  
• Pre‐bias Start Up 
• Thermal Shut Down  
• Under/Over Voltage Fault Protection  
• Forced Continuous Conduction Mode Option 
• Small, Low Profile 5mm x 6mm QFN Package 
 
 
BASIC APPLICATION 
 
Figure 1: IR3477 Basic Application Circuit 
DESCRIPTION 
The IR3477 SupIRBuck
TM is an easy‐to‐use, fully integrated 
and highly efficient DC/DC voltage regulator. The onboard 
constant on time hysteretic controller and MOSFETs make 
IR3477 a space‐efficient solution that delivers up to 15A of 
precisely controlled output voltage. 
Programmable switching frequency, soft start, and 
thermally compensated over current protection allows for 
a very flexible solution suitable for many different 
applications and an ideal choice for battery powered 
applications. 
Additional features include pre‐bias startup, very precise 
0.5V reference, under/over voltage shutdown, thermal 
protection, power good output, and enable input with 
voltage monitoring capability. 
APPLICATIONS 
• Notebook and Desktop Computers 
• Consumer Electronics – STB, LCD, TV, Printers 
• 12V and 24V Distributed Power Systems 
• General Purpose POL DC‐DC Converters 
• Game Consoles and Graphics Cards 
EFFICIENCY 
45%
55%
65%
75%
85%
95%
0.01
0.1
1
10
100
Load Current (A)
12VIN
8VIN
19VIN
 
Figure 2: IR3477 Efficiency 


Similar Part No. - IR3477

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3477 IRF-IR3477 Datasheet
904Kb / 21P
15A Highly Integrated SupIRBuck Constant On.Time Control
IR3477MTR1PBF IRF-IR3477MTR1PBF Datasheet
904Kb / 21P
15A Highly Integrated SupIRBuck Constant On.Time Control
IR3477MTRPBF IRF-IR3477MTRPBF Datasheet
904Kb / 21P
15A Highly Integrated SupIRBuck Constant On.Time Control
More results

Similar Description - IR3477

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2842 NJRC-NJM2842 Datasheet
219Kb / 11P
Very Low Output Low Dropout Regulator
logo
List of Unclassifed Man...
SFM3200 ETC2-SFM3200 Datasheet
331Kb / 7P
Superior performance at very low flows
logo
Vishay Siliconix
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
Very high intensity even at low drive currents
23-Apr-13
TLDR6400 VISHAY-TLDR6400 Datasheet
482Kb / 5P
Very high intensity even at low drive currents
29-Apr-13
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7332 AVAGO-ACPM-7332 Datasheet
1Mb / 16P
high efficiency at max output power
ACPM-7372 AVAGO-ACPM-7372 Datasheet
1Mb / 16P
high efficiency at max output power
HLMP-4100 AVAGO-HLMP-4100 Datasheet
144Kb / 6P
Very high intensity at low drive currents
logo
Wall Industries,Inc.
FB48S5-300 WALL-FB48S5-300 Datasheet
207Kb / 4P
Very Low Output Ripple
logo
Linear Technology
LTC3774EUHE LINER-LTC3774EUHE Datasheet
2Mb / 12P
High Efficiency Dual Output Step-Down Converter with Very Low DCR Inductor
logo
Bel Fuse Inc.
TET3600-48-104XA BEL-TET3600-48-104XA Datasheet
402Kb / 7P
Very high efficiency, typ. 97% at half load
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com