Electronic Components Datasheet Search
  English  ▼

X  

IR3536 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3536
Description  Overclocking & Gaming Mode with Vmax setting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3536 Datasheet(HTML) 2 Page - International Rectifier

  IR3536 Datasheet HTML 1Page - International Rectifier IR3536 Datasheet HTML 2Page - International Rectifier IR3536 Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
June 21, 2013 | FINAL | V1.09
2
Digital Multi-Phase Buck Controller
IR3536/38
CHL8326/28
ORDERING INFORMATION
IR353M         
CHL832―     
49 GND
CHL8326
48 Pin 7x7 QFN
Top View
1
2
7
8
5
6
3
4
10
9
12
11
36
35
30
29
32
31
34
33
27
28
25
26
47
43
45
40
46
42
44
39
41
48
38
37
14
18
16
21
15
19
17
22
20
13
23
24
PWM5
VRTN
RCSM
PWM6
VSEN
PWM4
VR_READY
1 /
PWRGD
2
RCSP
TSEN
PWM3
VINSEN
V18A
RRES
VCC
PWM2
PWM1
RCSM_L2
RCSP_L2
CFP
1 /
VFIXEN_PSI
2
VR_READY_L2
1
/ PWROK
2
VCC
VAR_GATE
VRTN_L2
VSEN_L2
Figure 3: IR3536/CHL8326 Package Top View, Enlarged
Package
Packing
Qty
Part Number
Programming
QFN
TR=3000
TY=2600
IR3536MTRPBF
IR3536MTYPBF
Default
QFN
TR=3000
TY=2600
IR3538MTRPBF
IR3538MTYPBF
Default
QFN
TR=3000
IR3536MxxyyTRP
1
Customer Configuration
QFN
TR=3000
IR3538MxxyyTRP
1
Customer Configuration
Notes:
1. Customer Specific Configuration File, where
xx = Customer ID and yy = Configuration File
(Codes assigned by IR Marketing).
Package
Packing Qty
Part Number
QFN
T=3000
TY=2600
CHL8326-00CRT
CHL8326-00CRTY
QFN
T=3000
CHL8326-xxCRT
1
QFN
T=3000
TY=2600
CHL8328-00CRT
CHL8328-00CRTY
QFN
T=3000
CHL8328-xxCRT
1
Notes:
1. “xx” indicates a customer specific configuration file.
PWM5
VRTN
RCSM
PWM6
VSEN
PWM4
VR_READY
1 /
PWRGD
2
RCSP
TSEN
PWM3
VINSEN
V18A
RRES
VCC
PWM2
PWM1
RCSM_L2
RCSP_L2
CFP
1 /
VFIXEN_PSI
2
VR_READY_L2
1
/ PWROK
2
VCC
PWM7
VRTN_L2
VSEN_L2
57 GND
CHL8328
56 Pin 8x8 QFN
Top View
55
51
53
48
54
50
52
47
49
56
46
45
43
44
1
2
7
8
5
6
3
4
10
9
12
11
14
13
16
20
18
23
17
21
19
24
22
15
25
26
28
27
42
41
36
35
38
37
40
39
33
34
31
32
29
30
ISEN8
GPO_B
PWM8
ISEN7
1Intel/MPoL mode
2AMD mode
Figure 4: IR3538/CHL8328 Package Top View, Enlarged
T – Tape & Reel / TY - Tray
R – Package Type (QFN)
C – Operating Temperature,
Commercial
xx – Configuration File
Part –
6: CHL8326
8: CHL8328
P/PBF – Lead Free
TR – Tape & Reel / TY - Tray
yy – Configuration File ID
xx – Customer ID
Package Type (QFN)
Part –
6: IR3536
8: IR3538



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com