Electronic Components Datasheet Search
  English  ▼

X  

IR3556 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3556
Description  50A Integrated PowIRstage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3556 Datasheet(HTML) 1 Page - International Rectifier

  IR3556 Datasheet HTML 1Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
IR3556
50A Integrated PowIRstage
®
www.irf.com | © 2014 International Rectifier
May 7, 2014 | V3.0
1
FEATURES
 Integrated driver, Schottky diode, control
MOSFET and synchronous MOSFET
 5mV / A on-chip MOSFET current sensing
with temperature compensated reporting
 Input voltage (VIN) range of 4.5V to 15V
 VCC and VDRV supply of 4.5V to 7V
 Output voltage range from 0.25V up to 5.5V
 Output current capability of 50A
 Operation up to 1.0MHz
 VCC under voltage lockout (UVLO)
 8mV / oC temperature analog output and
thermal flag pull-up to 3.3V
 Over temperature protection (OTP)
 Cycle-by-cycle self-preservation over current
protection (OCP)
 MOSFET phase fault detection and flag
 Preliminary overvoltage protection (Pre-OVP)
 Compatible with 3.3V tri-state PWM Input
 Body-Braking™ load transient support
through PWM Tri-state 
 Diode emulation mode (DEM) for improved
light load efficiency 
 Efficient dual sided cooling
 Small 6mm x 6mm x 0.9mm PQFN package
 Lead free RoHS compliant package
APPLICATIONS
 High frequency, high current, low profile DC-
DC converters
 Voltage Regulators for CPUs, GPUs, ASICs,
and DDR memory arrays
DESCRIPTION
 
The IR3556 integrated PowIRstage
®
contains a
synchronous buck gate driver IC which is co-packed
with control and synchronous MOSFETs and a
Schottky diode to further improve efficiency.
The
package is optimized for PCB layout, heat transfer,
driver/MOSFET control timing, and minimal switch node
ringing when layout guidelines are followed. The paired
gate driver and MOSFET combination enables higher
efficiency at lower output voltages required by cutting
edge CPU, GPU, ASIC and DDR memory designs.
The IR3556 PowIRstage
® internal MOSFET current
sense
algorithm
with
integrated
temperature
compensation
achieves
superior
current
sense
accuracy vs. best-in-class controller based Inductor
DCR
sense
methods.
Other
features
include
preliminary overvoltage protection and flag, internal
cycle-by-cycle self-preservation over current protection
and flag, phase fault flag, over temperature protection
and flag, and internal package temperature reporting.
Up to 1.0MHz switching frequency enables high
performance
transient
response,
allowing
miniaturization of output inductors, as well as input and
output capacitors while maintaining industry leading
efficiency.
When combined with IR’s digital controllers, the IR3556
incorporates the Body-Braking™ feature through PWM
tri-state which enables reduction of output capacitors.
Synchronous diode-emulation mode is also supported
through a built-in ZCD_EN# enabled zero-cross detect
circuit in the IR3556 which increases system light-load
efficiency.
The IR3556 is optimized for CPU core power delivery in
server applications. The ability to meet the stringent
requirements of the server market also makes the
IR3556 ideally suited for powering GPU, ASIC, DDR
memory, and other high current designs.
ORDERING INFORMATION
Base Part
Number
Package Type
Standard Pack
Orderable
Part Number
Form
Quantity
IR3556
PQFN 6 mm x 6 mm
Tape and Reel
3000
IR3556MTRPBF


Similar Part No. - IR3556

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3550 IRF-IR3550 Datasheet
837Kb / 22P
60A Integrated PowIRstage짰
IR3550 IRF-IR3550 Datasheet
941Kb / 22P
60A Integrated PowIRstage
IR3550MPBF IRF-IR3550MPBF Datasheet
837Kb / 22P
60A Integrated PowIRstage짰
IR3550MTRPBF IRF-IR3550MTRPBF Datasheet
837Kb / 22P
60A Integrated PowIRstage짰
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
60A Integrated PowIRstage
More results

Similar Description - IR3556

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
60A Integrated PowIRstage
IR3551 IRF-IR3551_15 Datasheet
926Kb / 22P
50A Integrated PowIRstage
IR3552 IRF-IR3552_15 Datasheet
1Mb / 23P
40A Integrated PowIRstage
IR3553 IRF-IR3553_15 Datasheet
914Kb / 22P
40A Integrated PowIRstage
IR3555 IRF-IR3555_15 Datasheet
81Kb / 1P
60A Integrated PowIRstage
IR3555A IRF-IR3555A_15 Datasheet
81Kb / 1P
60A Integrated PowIRstage
IR3557 IRF-IR3557_15 Datasheet
82Kb / 1P
40A Integrated PowIRstage
IR3558 IRF-IR3558_15 Datasheet
796Kb / 21P
45A Integrated PowIRstage
IR3578 IRF-IR3578_15 Datasheet
82Kb / 1P
50A Exposed-Top Integrated PowIRstage
IR3742 IRF-IR3742_15 Datasheet
1Mb / 26P
20A Integrated PowIRstage
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com