Electronic Components Datasheet Search
  English  ▼

X  

NJM2192AM Datasheet(PDF) 12 Page - New Japan Radio

Part # NJM2192AM
Description  SRS TruBass Bass Enhancement Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2192AM Datasheet(HTML) 12 Page - New Japan Radio

Back Button NJM2192AM Datasheet HTML 8Page - New Japan Radio NJM2192AM Datasheet HTML 9Page - New Japan Radio NJM2192AM Datasheet HTML 10Page - New Japan Radio NJM2192AM Datasheet HTML 11Page - New Japan Radio NJM2192AM Datasheet HTML 12Page - New Japan Radio NJM2192AM Datasheet HTML 13Page - New Japan Radio NJM2192AM Datasheet HTML 14Page - New Japan Radio NJM2192AM Datasheet HTML 15Page - New Japan Radio NJM2192AM Datasheet HTML 16Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
NJM2192A
- 12 -
s
s
s
sAPPLICATION CIRCUIT(2)
VREF
VREF VREF
GND
GND
GND
1
2
12
3
4
5
6
7
8
9
10
11
13
14
19
20
21
22
23
24
25
26
27
28
29
30
18
17
16
15
NJM2192A
SPEAKER SIZE
R
LARGE
MEDIUM
SMALL
R1
56.2K
21K
21K
R2
13K
3.09K
3.09K
R3
158K
42K
42K
R4
37.4K
37.4K
22.1K
R5
8.87K
8.87K
2.32K
R6
107K
107K
32K
C22
0.01uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com