Electronic Components Datasheet Search
  English  ▼

X  

IR3575 Datasheet(PDF) 21 Page - International Rectifier

Part # IR3575
Description  60A Exposed Top Integrated PowIRstage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3575 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3575 Datasheet HTML 14Page - International Rectifier IR3575 Datasheet HTML 15Page - International Rectifier IR3575 Datasheet HTML 16Page - International Rectifier IR3575 Datasheet HTML 17Page - International Rectifier IR3575 Datasheet HTML 18Page - International Rectifier IR3575 Datasheet HTML 19Page - International Rectifier IR3575 Datasheet HTML 20Page - International Rectifier IR3575 Datasheet HTML 21Page - International Rectifier IR3575 Datasheet HTML 22Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
July 16, 2014 | DATASHEET V3.2
21
IR3575
60A Exposed Top Integrated PowIRstage®
MARKING INFORMATION
Site/Date/Marking Code
IR ?
3575M
?YWW?
Assembly Site Code
Figure 36: PQFN 6mm x 6mm
PACKAGE INFORMATION
Figure 37: PQFN 6mm x 6mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com