Electronic Components Datasheet Search
  English  ▼

X  

IR3580 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3580
Description  Single Output Digital Multi-Phase Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3580 Datasheet(HTML) 6 Page - International Rectifier

  IR3580 Datasheet HTML 1Page - International Rectifier IR3580 Datasheet HTML 2Page - International Rectifier IR3580 Datasheet HTML 3Page - International Rectifier IR3580 Datasheet HTML 4Page - International Rectifier IR3580 Datasheet HTML 5Page - International Rectifier IR3580 Datasheet HTML 6Page - International Rectifier IR3580 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
  
 
 
  
Single Output Digital Multi-Phase Controller
IR3580
www.irf.com | © 2014 International Rectifier
September 17, 2014 | V2.3
6
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC)
GND-0.3V to 4.0V
RCSPx, RCSMx
0 to 2.2V
VSEN, VRTN, ISENx, IRTNx
GND-0.2V to VCC + 0.3V
CFILT, VINSEN
GND-0.2V to 2.2V
TSEN
GND-0.3V to VCC
VIDSELx, SV_ADDR, SV_CLK, SV_DIO, SV_ALERT#, PSI#
GND-0.3V to VCC
PWMx
GND-0.3V to 4.1V
VRDY, EN, ADDR_PROT, VRHOT_ICRIT#, INMODE, CAT
FLT
GND-0.3V to VCC
SM_DIO, SM_CLK, SM_ALERT#
GND-0.3V to 5.5V
Thermal Information
Thermal Resistance (θJA & θJC)
1
29°C/W & 3°C/W
Maximum Operating Junction Temperature
-40°C to +125°C
Maximum Storage Temperature Range
-65°C to +150°C
Maximum Lead Temperature (Soldering 10s)
300°C
Note:
1. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications are not implied.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com