Electronic Components Datasheet Search
  English  ▼

X  

IR3590 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3590
Description  Digital Multi-Phase Redundant Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3590 Datasheet(HTML) 1 Page - International Rectifier

  IR3590 Datasheet HTML 1Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
Digital Multi-Phase Redundant Controller
IR3590
www.irf.com | © 2014 International Rectifier
February 4, 2014 | V2.05
1
FEATURES
 6-phase single loop configurable PWM Controller
 Serial I2C control for Vout changes
 Programmable Constant Current Protection
 Dead-phase Protection and Flag
 Min/Max Telemetry registers and real-time
monitoring via I2C (IIN, VIN, IOUT, VOUT, Temp)
 Programmable 1-phase or 2-phase for Light Loads
and Active Diode Emulation for Very Light Loads
 IR Adaptive Transient Algorithm (ATA) minimizes
output bulk capacitors and system cost
 IR Efficiency Shaping Features including Variable
Gate Drive and Dynamic Phase Control
 Auto-Phase Detection with auto-compensation
 Fault Protection: Output OVP, UVP, OC Warn,
OCP, OT Warn, OTP
 Multiple Time Programming (MTP) with integrated
charge pump for easy custom configuration
 Compatible with IR ATL and 3.3V tri-state Drivers
 200kHz to 2MHz switching frequency per phase
 +3.3V supply voltage; -40°C to 85°C Ambient
 Pb-Free, Halogen Free, RoHS, 5x5mm, 40-pin,
0.4mm pitch QFN
 
APPLICATIONS
 Supports Phase Redundant based Server
systems
 Server CPU
 Server Memory
DESCRIPTION
The IR3590 is a 6-phase digital, single loop, multi-
phase buck controller with a feature set optimized to
support redundant power supply systems. The
IR3590 includes IR’s Efficiency Shaping Technology
to deliver exceptional efficiency at minimum cost
across the entire load range. IR Variable Gate Drive
optimizes the MOSFET gate drive voltage based on
real-time load current. IR’s Dynamic Phase Control
adds/drops phases based upon load current. The
IR3590 can be configured to enter 1-phase
operation and active diode emulation mode
automatically or by command.
IR’s unique Adaptive Transient Algorithm (ATA),
based on proprietary non-linear digital PWM
algorithms, minimizes output bulk capacitors, and
improves transient response and form factor.
The I2C interface can communicate with up to 127
IR3590-based VR loops. Device configuration and
fault parameters are easily defined using the IR
Digital Power Design Center (DPDC) GUI and stored
in on-chip MTP. MTP storage saves pins and
enables a small package size.
The IR3590 extensive fault protection includes
output OV, UV and OC protection, a thermistor
based OT protection input with a VRHOT signal
output, and a selectable and separate Over Current
warning flag through the ALERT#
ORDERING INFORMATION
Base Part
Number
Package Type
Standard Pack
Orderable
Part Number
Form
Quantity
IR3590
QFN 5 mm x 5 mm
Tape and Reel
3000
IR3590MxxyyTRP
2
IR3590
QFN 5 mm x 5 mm
Tape and Reel
3000
IR3590MTRPBF
1
IR3590
QFN 5 mm x 5 mm
Tray
4900
IR3590MTYPBF
1
Notes:
1. Unprogrammed/blank parts will not start up until programmed in order to ensure a safe power up.
2. Customer Specific Configuration File, where xx = Customer ID and yy = Configuration File (Codes assigned by IR Marketing).


Similar Part No. - IR3590

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3590B IRF-IR3590B Datasheet
385Kb / 2P
Digital Multi-Phase Redundant Controller
IR3590BMTRPBF IRF-IR3590BMTRPBF Datasheet
385Kb / 2P
Digital Multi-Phase Redundant Controller
IR3590BMTYPBF IRF-IR3590BMTYPBF Datasheet
385Kb / 2P
Digital Multi-Phase Redundant Controller
IR3590BMxxyyTRP IRF-IR3590BMxxyyTRP Datasheet
385Kb / 2P
Digital Multi-Phase Redundant Controller
More results

Similar Description - IR3590

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3536AMTRPBF IRF-IR3536AMTRPBF Datasheet
496Kb / 3P
Digital Multi-Phase Buck Controller
CHL8228G-00CRT IRF-CHL8228G-00CRT Datasheet
346Kb / 3P
Digital Multi-Phase Buck Controller
CHL8102 IRF-CHL8102_15 Datasheet
303Kb / 2P
Digital Multi-Phase Buck Controller
CHL8112 IRF-CHL8112_15 Datasheet
102Kb / 2P
DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8225 IRF-CHL8225_15 Datasheet
112Kb / 2P
DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8225G IRF-CHL8225G_15 Datasheet
346Kb / 3P
Digital Multi-Phase Buck Controller
CHL8318 IRF-CHL8318_15 Datasheet
194Kb / 4P
DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8318-20 IRF-CHL8318-20_15 Datasheet
286Kb / 2P
Digital Multi-Phase Buck Controller
IR3595 IRF-IR3595_15 Datasheet
109Kb / 1P
Digital Multi-Phase Redundant & GPU Controller
IR3590B IRF-IR3590B Datasheet
385Kb / 2P
Digital Multi-Phase Redundant Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com