Electronic Components Datasheet Search
  English  ▼

X  

IR3595 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3595
Description  Digital Multi-Phase Redundant & GPU Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3595 Datasheet(HTML) 1 Page - International Rectifier

  IR3595 Datasheet HTML 1Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
Digital Multi-Phase Redundant & GPU Controller
IR3595
www.irf.com | © 2014 International Rectifier
Februray 4, 2014 | V2.04
1
FEATURES
 8-phase single or 6+2 dual loop configurable PWM
Controller
 8-bit PVID, PWM VID or I2C setpoint control on
loop 1
 Serial I2C setpoint control on optional loop 2
 Programmable Constant Current Protection
 Dead-phase Protection and Flag
 Min/Max Telemetry registers and real-time
monitoring via I2C (IIN, VIN, IOUT, VOUT, Temp)
 Programmable 1-phase or 2-phase for Light Loads
and Active Diode Emulation for Very Light Loads
 IR Adaptive Transient Algorithm (ATA) minimizes
output bulk capacitors and system cost
 IR Efficiency Shaping Features including Variable
Gate Drive and Dynamic Phase Control
 Auto-Phase Detection with auto-compensation
 Protection: OVP, UVP, OC Warn, OCP, OT Warn,
OTP
 Multiple Time Programming (MTP) with integrated
charge pump for easy custom configuration
 Compatible with IR ATL and 3.3V tri-state Drivers
 200kHz to 2MHz switching frequency per phase
 +3.3V supply voltage; -40°C to 85°C Ambient
 Pb-Free, Halogen Free, RoHS, 7x7mm, 56-pin,
0.4mm pitch QFN
APPLICATIONS
 Supports Phase Redundant based Server systems
 Server & Desktop CPU
 High Performance Graphics Processors
DESCRIPTION
The IR3595 is an 8-phase digital multi-phase buck
controller that can be configured in either a single
loop or dual loop mode with a feature set optimized
to support redundant power supply systems and
high performance graphic processors.
The IR3595 allows system voltage setpoint
programming either through the 8-bit parallel VID,
nVIDIA’s PWM VID control, or via I2C control.
The IR3595 includes IR’s Efficiency Shaping
Technology which incorporates IR’s Variable Gate
Drive, Dynamic Phase Control (adds/drops phases
based upon load current), and active diode
emulation mode.
IR’s unique and proprietary digital Adaptive
Transient Algorithm (ATA) minimizes output bulk
capacitors and improves transient response.
The I2C interface can communicate with up to 127
IR3595-based VR loops. Device configuration and
fault parameters are easily defined using the IR
Digital Power Design Center (DPDC) GUI and stored
in on-chip MTP. MTP storage saves pins and
enables a small package size.
The IR3595 extensive fault protection includes
output OV, UV and OC protection, 2 thermistor
based OT protection inputs with a VRHOT signal
output, and an Over Current warning flag.
ORDERING INFORMATION
Base Part
Number
Package Type
Standard Pack
Orderable
Part Number
Form
Quantity
IR3595
QFN 7 mm x 7 mm
Tape and Reel
3000
IR3595MxxyyTRP
2
IR3595
QFN 7 mm x 7 mm
Tape and Reel
3000
IR3595MTRPBF
1
IR3595
QFN 7 mm x 7 mm
Tray
2600
IR3595MTYPBF
1
Notes:
1. Unprogrammed/blank parts will not start up until programmed in order to ensure a safe power up.
2. Customer Specific Configuration File, where xx = Customer ID and yy = Configuration File (Codes assigned by IR Marketing).


Similar Part No. - IR3595

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3590 IRF-IR3590 Datasheet
133Kb / 1P
Digital Multi-Phase Redundant Controller
IR3590B IRF-IR3590B Datasheet
385Kb / 2P
Digital Multi-Phase Redundant Controller
IR3590BMTRPBF IRF-IR3590BMTRPBF Datasheet
385Kb / 2P
Digital Multi-Phase Redundant Controller
IR3590BMTYPBF IRF-IR3590BMTYPBF Datasheet
385Kb / 2P
Digital Multi-Phase Redundant Controller
IR3590BMxxyyTRP IRF-IR3590BMxxyyTRP Datasheet
385Kb / 2P
Digital Multi-Phase Redundant Controller
More results

Similar Description - IR3595

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3536AMTRPBF IRF-IR3536AMTRPBF Datasheet
496Kb / 3P
Digital Multi-Phase Buck Controller
CHL8266 IRF-CHL8266 Datasheet
273Kb / 2P
Digital Multi-Phase GPU Buck Controller GPU-compliant Digital PWM Controller
CHL8102 IRF-CHL8102_15 Datasheet
303Kb / 2P
Digital Multi-Phase Buck Controller
CHL8112 IRF-CHL8112_15 Datasheet
102Kb / 2P
DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8225 IRF-CHL8225_15 Datasheet
112Kb / 2P
DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8266 IRF-CHL8266_15 Datasheet
273Kb / 2P
Digital Multi-Phase GPU Buck Controller
CHL8318 IRF-CHL8318_15 Datasheet
194Kb / 4P
DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8318-20 IRF-CHL8318-20_15 Datasheet
286Kb / 2P
Digital Multi-Phase Buck Controller
IR3590 IRF-IR3590_15 Datasheet
133Kb / 1P
Digital Multi-Phase Redundant Controller
IR3590B IRF-IR3590B Datasheet
385Kb / 2P
Digital Multi-Phase Redundant Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com