Electronic Components Datasheet Search
  English  ▼

X  

IR3596 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3596
Description  Digital Multi-Phase Memory/Mobile Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3596 Datasheet(HTML) 1 Page - International Rectifier

  IR3596 Datasheet HTML 1Page - International Rectifier IR3596 Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
Digital Multi-Phase Memory/Mobile Controller
IR3596
www.irf.com | © 2014 International Rectifier
June 6, 2014 | V1.3
1
FEATURES
 Ultra Low Power single loop PWM Controller
with 3 PWMs configurable as 1, 2, 3 phase
systems
 Compliant with Intel VR12.5 Rev 1.3/VR12.6
Rev1.0 specifications
 Intel® VR12.5/VR12.6 SVID or I2C controlled
regulation
 Optimized for 3 phase DDR memory solution
when paired with IR3548 and IR355x
PowIRstage
 ~50mW @ Maximum Performance
 Compatible with Active Tri Level (ATL)
Industry Standard Tri-state Drivers
 Dynamic Phase Control and Automatic Power
State Switching with Active Diode Emulation
for Very Light Loads
 I2C system interface for telemetry of
Temperature, Voltage, Input and Output
Current & Power
 Fault Protection: Output OVP, UVP, OC
Warn, OCP, OT Warn, OTP
 IR Adaptive Transient Algorithm (ATA)
minimizes output bulk capacitors and system
cost
 8 Time Programming (MTP) with integrated
charge pump for easy custom configuration
 200kHz to 2MHz switching frequency per
phase
 +3.3V supply voltage; -40°C to 85°C ambient
operation
 Pb-Free, RoHS, 4x4mm, 28-pin, 0.4mm pitch
QFN
DESCRIPTION
The IR3596 is a flexible single loop digital multi-phase
buck controller that can be configured as a 1, 2 or 3
phase system when combined with IR Dual 6x8mm
IR3548 or IR355x powIRstages.
Power consumption is minimized while maintaining full
digital capability and flexibility. Digital non-linear transient
control allows lower frequency operation to achieve the
highest efficiency possible while providing minimal all
ceramic output capacitor solutions. The IR3596 includes
IR’s Efficiency Shaping Technology to automatically
deliver exceptional efficiency at minimum cost across the
entire load range and can be configured to enter 1-phase
operation and active diode emulation mode automatically
or by command. The IR3596 may also shut down
connected drivers/PowIRstage to minimize the quiescent
current consumption in the system to maximize battery
life on next gen VR12.5/VR12.6 notebooks/Ultrabooks.
IR’s unique Adaptive Transient Algorithm (ATA), based
on proprietary non-linear digital PWM algorithms,
minimizes output bulk capacitors, and improves transient
response and form factor.
Device configuration and fault parameters are easily
defined using the IR Digital Power Design Center (DPDC)
GUI and stored in on-chip MTP. MTP storage saves pins
and enables a small package size. Fault protection
includes output OV, UV and OC protection, thermistor or
NTC based OT protection sensing with a VRHOT signal
output and a Over Current warning flag.
APPLICATIONS
 DDR3/LV DDR3/ DDR4 Memory Controller
 VR12.5/VR12.6 Mobile Controller
ORDERING INFORMATION
Base Part
Number
Package Type
Standard Pack
Orderable
Part Number
Programming
Form
Quantity
IR3596
QFN 4 mm x 4 mm
Tape and Reel
3000
IR3596MTRPBF
Default
IR3596
QFN 4 mm x 4 mm
Tape and Reel
3000
IR3596MxxyyTRP
1
Customer Configuration
Notes:
1. Customer Specific Configuration File, where xx = Customer ID and yy = Configuration File (Codes assigned by IR Marketing).


Similar Part No. - IR3596

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3590 IRF-IR3590 Datasheet
133Kb / 1P
Digital Multi-Phase Redundant Controller
IR3590B IRF-IR3590B Datasheet
385Kb / 2P
Digital Multi-Phase Redundant Controller
IR3590BMTRPBF IRF-IR3590BMTRPBF Datasheet
385Kb / 2P
Digital Multi-Phase Redundant Controller
IR3590BMTYPBF IRF-IR3590BMTYPBF Datasheet
385Kb / 2P
Digital Multi-Phase Redundant Controller
IR3590BMxxyyTRP IRF-IR3590BMxxyyTRP Datasheet
385Kb / 2P
Digital Multi-Phase Redundant Controller
More results

Similar Description - IR3596

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3536AMTRPBF IRF-IR3536AMTRPBF Datasheet
496Kb / 3P
Digital Multi-Phase Buck Controller
CHL8228G-00CRT IRF-CHL8228G-00CRT Datasheet
346Kb / 3P
Digital Multi-Phase Buck Controller
CHL8102 IRF-CHL8102_15 Datasheet
303Kb / 2P
Digital Multi-Phase Buck Controller
CHL8112 IRF-CHL8112_15 Datasheet
102Kb / 2P
DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8225 IRF-CHL8225_15 Datasheet
112Kb / 2P
DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8225G IRF-CHL8225G_15 Datasheet
346Kb / 3P
Digital Multi-Phase Buck Controller
CHL8318 IRF-CHL8318_15 Datasheet
194Kb / 4P
DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8318-20 IRF-CHL8318-20_15 Datasheet
286Kb / 2P
Digital Multi-Phase Buck Controller
IR3588 IRF-IR3588_15 Datasheet
269Kb / 2P
Ultra Portable Digital Multi?륯hase Mobile Controller
IR3590B IRF-IR3590B Datasheet
385Kb / 2P
Digital Multi-Phase Redundant Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com