Electronic Components Datasheet Search
  English  ▼

X  

MAX3054ASD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3054ASD
Description  짹80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3054ASD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3054ASD Datasheet HTML 1Page - Maxim Integrated Products MAX3054ASD Datasheet HTML 2Page - Maxim Integrated Products MAX3054ASD Datasheet HTML 3Page - Maxim Integrated Products MAX3054ASD Datasheet HTML 4Page - Maxim Integrated Products MAX3054ASD Datasheet HTML 5Page - Maxim Integrated Products MAX3054ASD Datasheet HTML 6Page - Maxim Integrated Products MAX3054ASD Datasheet HTML 7Page - Maxim Integrated Products MAX3054ASD Datasheet HTML 8Page - Maxim Integrated Products MAX3054ASD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
±80V Fault-Protected/Tolerant CAN
Transceivers for In-Car Applications
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V ±5%, VBATT = +5V to +42V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = 5V, VBATT = 14V, R1 = 100
Ω
(Figure 2), TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INH
High-Level Voltage Drop
∆VH
INH = -0.18mA, standby mode
0.8
V
Leakage Current
ILEAK(INH)
Sleep mode, VINH = 0V
5
µA
CANH, CANL
VCC = 5V, no failures and bus failures 1, 2,
5, 9
-3.5
-3.2
-2.9
Differential Receiver Threshold
VDIFF
VCC = 4.75V to 5.25V, no failures and bus
failures 1, 2, 5, 9
-0.70 ✕ VCC -0.58 ✕ VCC
V
Differential Receiver Hysteresis
HYST
No failures and bus failures 1, 2, 5, 9
18
mV
CANH Recessive Output Voltage
VOCH
TXD = VCC, RTH < 4k
Ω
200
mV
CANL Recessive Output Voltage
VOCL
TXD = VCC, RTH < 4k
Ω
VCC - 0.2
V
CANH Dominant Output Voltage
VOCHDOM
TXD = 0V, R1 = 100
Ω
VCC - 1.4
V
CANL Dominant Output Voltage
VOCLDOM
TXD = 0V, R1 = 100
Ω
1.4
V
VCANH = 0V, TXD = 0V
-150
-86
mA
CANH Output Current
IO(CANH)
Low-power modes, VCANH = 0V, VCC = 5V
-10
µA
VCANL = 14V, TXD = 0V
75
130
mA
CANL Output Current
IO(CANL)
Low-power modes, VCANL = 42V,
VBATT = 42V, RTL = open
20
µA
VCC = 4.75V to 5.25V
0.30 ✕ VCC
0.37 ✕ VCC
Voltage Detection Threshold for
Short Circuit to Battery on CANH
VDET(CANH)
Low-power modes
1.1
2.5
V
Voltage Detection Threshold for
Short Circuit to GND on CANL
VDTG(CANL)
Low-power modes
2.5
3.9
V
Voltage Detection Threshold for
Short Circuit to Battery on CANL
VDET(CANL)
Normal mode, VCC = 5V
6.4
7.3
8.2
V
CANL Wake-Up Threshold
VTHL(WAKE)
Low-power modes
2.5
3.2
3.9
V
CANH Wake-Up Threshold
VTHH(WAKE) Low-power modes
1.1
1.8
2.5
V
VCC = 5V
1.50
1.70
1.85
CANH Single-Ended Receiver
Threshold (Failures 4, 6, 7)
VSE(CANH)
VCC = 4.75V to 5.25V
0.30 ✕ VCC
0.37 ✕ VCC
V
CANH Single-Ended Receiver
Hysteresis
HYST
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com