Electronic Components Datasheet Search
  English  ▼

X  

MAX231CJD Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX231CJD
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX231CJD Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX231CJD Datasheet HTML 18Page - Maxim Integrated Products MAX231CJD Datasheet HTML 19Page - Maxim Integrated Products MAX231CJD Datasheet HTML 20Page - Maxim Integrated Products MAX231CJD Datasheet HTML 21Page - Maxim Integrated Products MAX231CJD Datasheet HTML 22Page - Maxim Integrated Products MAX231CJD Datasheet HTML 23Page - Maxim Integrated Products MAX231CJD Datasheet HTML 24Page - Maxim Integrated Products MAX231CJD Datasheet HTML 25Page - Maxim Integrated Products MAX231CJD Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
22
______________________________________________________________________________________
1.0
µF
+5V INPUT
GND
11
6
23
5
R2OUT
RS-232
INPUTS
TTL/CMOS
OUTPUTS
14
13
21
R5OUT
5k
Ω
17
18
R4OUT
5k
Ω
24
R3OUT
5k
Ω
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
R3IN
R3OUT
T5IN
SHDN
T2OUT
T1OUT
T3OUT
T4OUT
EN
T5OUT
R4IN
R4OUT
T1IN
T2IN
R2OUT
R2IN
16
15
14
13
9
10
11
12
T4IN
T3IN
R5OUT
R5IN
VCC
GND
R1IN
R1OUT
DIP
MAX235
5k
Ω
910
R1OUT
R1IN
R2IN
R3IN
R4IN
R5IN
5k
Ω
7
15
3
4
T2IN
T3OUT
RS-232
OUTPUTS
TTL/CMOS
INPUTS
22
19
T5IN
T5OUT
+5V
16
1
T4IN
T4OUT
+5V
2
T3IN
+5V
+5V
8 T1IN
T1OUT
+5V
T2OUT
T1
T1
R2
R3
R4
R5
T2
T3
T5
T4
400k
Ω
400k
Ω
400k
Ω
400k
Ω
400k
Ω
SHDN
EN
20
12
VCC
TOP VIEW
Figure 13. MAX235 Pin Configuration and Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com