Electronic Components Datasheet Search
  English  ▼

X  

MAX3003EUP Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX3003EUP
Description  1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3003EUP Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX3003EUP Datasheet HTML 11Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 12Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 13Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 14Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 15Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 16Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 17Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 18Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
______________________________________________________________________________________
15
Detailed Description
The MAX3000E/MAX3001E/MAX3002–MAX3012 logic-
level translators provide the level shifting necessary to
allow data transfer in a multivoltage system. Externally
applied voltages, VCC and VL, set the logic levels on
either side of the device. Logic signals present on the
VL side of the device appear as a higher voltage logic
signal on the VCC side of the device, and vice-versa.
The MAX3000E/MAX3001E/MAX3002/MAX3003 are
bidirectional level translators allowing data translation
in either direction (VL
↔ VCC) on any single data line.
The MAX3004–MAX3012 unidirectional level translators
level shift data in one direction (VL
→ VCC or VCC →
VL) on any single data line. The MAX3000E/MAX3001E/
MAX3002–MAX3012 accept VL from +1.2V to +5.5V. All
devices have VCC ranging from +1.65V to +5.5V, mak-
ing them ideal for data transfer between low-voltage
ASICs/PLDs and higher voltage systems.
The MAX3000E/MAX3001E/MAX3002/MAX3004–
MAX3012 feature an output enable mode that reduces
VCC supply current to less than 2µA, and VL supply
current to less than 2µA when in shutdown. The
MAX3000E/MAX3001E have ±15kV ESD protection on
the VCC side for greater protection in applications that
route signals externally. The MAX3000E operates at a
guaranteed data rate of 230kbps; the MAX3001E oper-
ates at a guaranteed data rate of 4Mbps and the
MAX3002–MAX3012 are guaranteed with a data rate of
20Mbps of operation over the entire specified operating
voltage range.
Level Translation
For proper operation, ensure that +1.65V
≤ VCC ≤ +5.5V,
+1.2V
≤ VL ≤ +5.5V, and VL ≤ VCC. During power-up
sequencing, VL
≥ VCC does not damage the device.
During power-supply sequencing, when VCC is floating
and VL is powering up, up to 10mA current can be
sourced to each load on the VL side, yet the device does
not latch up.
The maximum data rate also depends heavily on the
load capacitance (see the Typical Operating
Characteristics), output impedance of the driver, and
the operational voltage range (see the Timing
Characteristics).
Input Driver Requirements
The MAX3001E/MAX3002–MAX3012 architecture is
based on a one-shot accelerator output stage. See
Figure 5. Accelerator output stages are always in three-
state except when there is a transition on any of the
translators on the input side, either I/O VL or I/O VCC.
Then, a short pulse is generated during which the accel-
erator output stages become active and charge/dis-
charge the capacitances at the I/Os. Due to its
bidirectional nature, both input stages become active
during the one-shot pulse. This can lead to some current
feeding into the external source that is driving the trans-
lator. However, this behavior helps to speed up the tran-
sition on the driven side.
For proper operation, the driver has to meet the follow-
ing conditions: 50
Ω maximum output impedance and
20mA minimum output current (for 20Mbps versions),
400
Ω maximum output impedance and 4mA minimum
output current (for 4Mbps versions), 1k
Ω maximum out-
put impedance and 1mA minimum output current (for
230kbps versions). Figure 6 shows a typical input cur-
rent vs. input voltage.
Enable Output Mode (EN, EN A/B)
The MAX3000E/MAX3001E/MAX3002 and the MAX3004–
MAX3012 feature an EN input, and the MAX3003 has an
EN A/B input. Pull EN low to set the MAX3000E/
MAX3001E/MAX3002/MAX3004–MAX3012s’ I/O VCC1
through I/O VCC8 in three-state output mode, while I/O
VL1 through I/O VL8 have internal 6k
Ω pulldown resis-
tors. Drive EN to logic high (VL) for normal operation. For
the MAX3003, pull EN A/B low to place channels 1B
through 4B in active mode, while channels 1A through
4A are in three-state mode. Drive EN A/B to logic high
(VL) to enable channels 1A through 4A, while channels
1B through 4B remain in three-state mode.
±15kV ESD Protection
As with all Maxim devices, ESD-protection structures
are incorporated on all pins to protect against electro-
static discharges encountered during handling and
assembly. The I/O VCC lines have extra protection
against static discharge. Maxim’s engineers have
developed state-of-the-art structures to protect these
pins against ESD of ±15kV without damage. The ESD
structures withstand high ESD in all states: normal
operation, three-state output mode, and powered
down. After an ESD event, Maxim’s E versions keep
working without latchup, whereas competing products
can latch and must be powered down to remove
latchup.
ESD protection can be tested in various ways. The
I/O VCC lines of the MAX3000E/MAX3001E are char-
acterized for protection to ±15kV using the Human
Body Model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com