Electronic Components Datasheet Search
  English  ▼

X  

CT646FYF Datasheet(PDF) 1 Page - Central Technologies

Part # CT646FYF
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT646FYF Datasheet(HTML) 1 Page - Central Technologies

  CT646FYF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 01.14.05
Power Inductors - Unshielded
www.ctparts.com
CT646FYF
Series
From 1.0 µH to 1000 µH
SPECIFICATIONS
Part numbers are marked to indicate tolerance available.
K = ±10%, M = ±20%
L Test
DCR
Rated
Part
Inductance
Freq.
Max.
DC
Number
(µH)
(KHz)
(W)
(A)
CT646FYF-1R0M
1.0
100
0.023
2.880
CT646FYF-1R5M
1.5
100
0.028
2.560
CT646FYF-2R2M
2.2
100
0.032
2.360
CT646FYF-2R7M
2.7
100
0.035
2.360
CT646FYF-3R3M
3.3
100
0.038
2.160
CT646FYF-3R9M
3.9
100
0.042
2.160
CT646FYF-4R7M
4.7
100
0.049
1.880
CT646FYF-5R6M
5.6
100
0.055
1.880
CT646FYF-6R8M
6.8
100
0.055
1.880
CT646FYF-8R2M
8.2
100
0.067
1.680
CT646FYF-100M
10
100
0.070
1.560
CT646FYF-120M
12
100
0.080
1.440
CT646FYF-150M
15
100
0.090
1.360
CT646FYF-180M
18
100
0.100
1.280
CT646FYF-220M
22
100
0.120
1.170
CT646FYF-270M
27
100
0.140
1.070
CT646FYF-330M
33
100
0.160
1.000
CT646FYF-390M
39
100
0.190
0.910
CT646FYF-470M
47
100
0.220
0.840
CT646FYF-560M
56
100
0.290
0.720
CT646FYF-680M
68
100
0.340
0.660
CT646FYF-820M
82
100
0.460
0.580
CT646FYF-101M
100
100
0.550
0.510
CT646FYF-121K
120
100
0.670
0.420
CT646FYF-151K
150
100
0.900
0.370
CT646FYF-181K
180
100
1.050
0.350
CT646FYF-221K
220
100
1.350
0.290
CT646FYF-271K
270
100
1.550
0.280
CT646FYF-331K
330
100
2.050
0.230
CT646FYF-391K
390
100
2.300
0.215
CT646FYF-471K
470
100
2.600
0.195
CT646FYF-561M
560
100
2.900
0.185
CT646FYF-681M
680
100
3.400
0.170
CT646FYF-821M
820
100
4.200
0.165
CT646FYF-102M
1000
100
5.390
0.150
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: SMD power inductor.
Applications: Ideal for a variety of DC/DC converter
applications and low profile use.
Operating Temperature: -30°C to +100°C
Inductance Tolerance: ±10%, ±20%
Testing: Inductance is tested on an HP4285A at 100KHz.
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
C
D
E
Max.
Max.
Max.
Max.
7.4
7.4
5.5
2.0±0.2
5.4
0.29
0.29
0.22
0.08±0.008
0.21
Size
mm
inches


Similar Part No. - CT646FYF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT646FYF-100M CT-CT646FYF-100M Datasheet
229Kb / 1P
Power Inductors - Unshielded
CT646FYF-101M CT-CT646FYF-101M Datasheet
229Kb / 1P
Power Inductors - Unshielded
CT646FYF-102M CT-CT646FYF-102M Datasheet
229Kb / 1P
Power Inductors - Unshielded
CT646FYF-120M CT-CT646FYF-120M Datasheet
229Kb / 1P
Power Inductors - Unshielded
CT646FYF-121K CT-CT646FYF-121K Datasheet
229Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CT646FYF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com