Electronic Components Datasheet Search
  English  ▼

X  

MAX306CWI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX306CWI
Description  Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX306CWI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX306CWI Datasheet HTML 2Page - Maxim Integrated Products MAX306CWI Datasheet HTML 3Page - Maxim Integrated Products MAX306CWI Datasheet HTML 4Page - Maxim Integrated Products MAX306CWI Datasheet HTML 5Page - Maxim Integrated Products MAX306CWI Datasheet HTML 6Page - Maxim Integrated Products MAX306CWI Datasheet HTML 7Page - Maxim Integrated Products MAX306CWI Datasheet HTML 8Page - Maxim Integrated Products MAX306CWI Datasheet HTML 9Page - Maxim Integrated Products MAX306CWI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
__________Applications Information
Operation with Supply Voltages
Other than ±15V
Using supply voltages other than ±15V will reduce the
analog signal range. The MAX306/MAX307 switches
operate with ±4.5V to ±20V bipolar supplies or with a
+4.5V to +30V single supply; connect V- to GND when
operating with a single supply. Also, both device types
can operate with unbalanced supplies such as +24V
and -5V. The
Typical Operating Characteristics graphs
show typical on-resistance with 20V, 15V, 10V, and 5V
supplies. (Switching times increase by a factor of two
or more for operation at 5V.)
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings because stresses beyond the listed rat-
ings may cause permanent damage to the devices.
Always sequence V+ on first, then V-, followed by either
the logic inputs, NO, or COM. If power-supply
sequencing is not possible, add two small signal
diodes in series with supply pins for overvoltage pro-
tection (Figure 1). Adding diodes reduces the analog
signal range to 1V above V+ and 1V below V-, but low
switch resistance and low leakage characteristics are
unaffected. Device operation is unchanged, and the
difference between V+ and V- should not exceed +44V.
Precision, 16-Channel/Dual 8-Channel,
High-Performance, CMOS Analog Multiplexers
6
_______________________________________________________________________________________
Output–bidirectional
COM
28
Address Inputs
A3–A0
14–17
Enable Inputs
EN
18
Analog Inputs–bidirectional
NO1–NO8
19–26
Negative Supply Voltage Input
V-
27
Ground
GND
12
Analog Inputs–bidirectional
NO16–NO9
4–11
MAX306
PIN
No Internal Connections
N.C.
2, 3, 13
Positive Supply Voltage Input
V+
1
FUNCTION
NAME
Negative Supply Voltage Input
V-
27
Output A–bidirectional
COMA
28
Ground
GND
12
Address Inputs
A2, A1, A0
15, 16, 17
Enable Input
EN
18
Analog Inputs–bidirectional
NO1A–NO8A
19–26
Analog Inputs–bidirectional
NO8B–NO1B
4–11
No Internal Connection
N.C.
3, 13, 14
MAX307
PIN
Output B–bidirectional
COMB
2
Positive Supply Voltage Input
V+
1
FUNCTION
NAME
_____________________________________________________________Pin Descriptions
Vg
NO
COM
V-
V+
Figure 1. Overvoltage Protection Using External Blocking
Diodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com