Electronic Components Datasheet Search
  English  ▼

X  

CT8645F Datasheet(PDF) 1 Page - Central Technologies

Part # CT8645F
Description  High Current Toroid Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT8645F Datasheet(HTML) 1 Page - Central Technologies

  CT8645F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2014 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 10.14.14
High Current Toroid Inductors
www.ctparts.com
CT8645F
Series
From 10µH to 1000µH
SPECIFICATIONS
Insert “H” or “V” at end of part number for mounting style.
H = Horizontal mount / V = Vertical Mount
L(±15%)
L(±15%)
DCR
Part
at 1kHz
Idc
at Irated
Max.
A
B
C
Number
(µH)
(A)
(µH)
(
Ω)
Nom.
Nom.
Nom.
CT8645F-100-T_
10
10.8
6.3
0.006
0.34/8.64
0.77/19.6
0.053/1.35
CT8645F-120-T_
12
10.3
7.4
0.007
0.34/8.64
0.77/19.6
0.053/1.35
CT8645F-150-T_
15
7.7
10.2
0.012
0.33/8.38
0.76/19.3
0.042/1.07
CT8645F-180-T_
18
7.4
11.9
0.013
0.33/8.38
0.76/19.3
0.042/1.07
CT8645F-220-T_
22
7.0
14.2
0.015
0.33/8.38
0.76/19.3
0.042/1.07
CT8645F-270-T_
27
5.3
19.1
0.026
0.32/8.13
0.75/19.1
0.034/0.86
CT8645F-330-T_
33
5.0
22.8
0.029
0.32/8.13
0.75/19.1
0.034/0.86
CT8645F-390-T_
39
4.8
26.4
0.032
0.32/8.13
0.75/19.1
0.034/0.86
CT8645F-470-T_
47
3.6
34.7
0.055
0.31/7.87
0.75/19.1
0.027/0.69
CT8645F-560-T_
56
3.4
40.6
0.060
0.31/7.87
0.75/19.1
0.027/0.69
CT8645F-680-T_
68
3.3
48.3
0.067
0.31/7.87
0.75/19.1
0.027/0.69
CT8645F-101-T_
100
2.4
75.2
0.130
0.31/7.87
0.74/18.8
0.022/0.56
CT8645F-121-T_
120
2.2
88.5
0.150
0.31/7.87
0.74/18.8
0.022/0.56
CT8645F-151-T_
150
3.4
84.3
0.062
0.35/8.89
0.79/20.1
0.034/0.86
CT8645F-181-T_
180
2.6
113.1
0.110
0.34/8.64
0.77/19.6
0.027/0.69
CT8645F-221-T_
220
2.4
134.4
0.120
0.34/8.64
0.77/19.6
0.027/0.69
CT8645F-271-T_
270
1.8
181.6
0.210
0.33/8.38
0.76/19.3
0.022/0.56
CT8645F-331-T_
330
1.7
216.3
0.230
0.33/8.38
0.76/19.3
0.022/0.56
CT8645F-391-T_
390
1.7
250.1
0.250
0.33/8.38
0.76/19.3
0.022/0.56
CT8645F-471-T_
470
1.6
293.8
0.280
0.35/8.89
0.76/19.3
0.022/0.56
CT8645F-561-T_
560
1.5
341.5
0.300
0.35/8.89
0.79/20.1
0.022/0.56
CT8645F-681-T_
680
1.4
403.2
0.330
0.35/8.89
0.79/20.1
0.022/0.56
CT8645F-821-T_
820
1.4
472.8
0.370
0.35/8.89
0.79/20.1
0.022/0.56
CT8645F-102-T_
1000
1.3
559.2
0.400
0.37/9.40
0.81/20.6
0.022/0.56
Not Shown at Actual Size
CHARACTERISTICS
Description: High Current Toroid Inductors (Horizontal and
Vertical mounting styles).
Applications: DC/DC converters, EMI filter applications, etc.
Inductance Tolerance: ±15%
Operating Temperature: -55°C to +105°C
IDC: Current to cause a 30°C max. temperature rise.
Testing: Inductance is tested on an HP4284A at 1kHz.
Packaging: Bulk.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
0.86/21.8
(Max.)
0.45/11.4(Max.)
C
A
0.5/12.7 lead length tinned to
within 0.062/1.59 above
mounting plane.
0.45/11.4(Max.)
C
B
0.86/21.8
(Max.)
0.5/12.7 lead length tinned to
within 0.062/1.59 above
mounting plane.
Unit: inch/mm
Vertical
Horizontal
CT8645F-101-T_
100
2.4
75.2
0.130
0.31/7.87
0.74/18.8
0.022/0.56
CT8645F-121-T_
120
2.2
88.5
0.150
0.31/7.87
0.74/18.8
0.022/0.56
CT8645F-151-T_
150
3.4
84.3
0.062
0.35/8.89
0.79/20.1
0.034/0.86
CT8645F-181-T_
180
2.6
113.1
0.110
0.34/8.64
0.77/19.6
0.027/0.69
CT8645F-221-T_
220
2.4
134.4
0.120
0.34/8.64
0.77/19.6
0.027/0.69
CT8645F-271-T_
270
1.8
181.6
0.210
0.33/8.38
0.76/19.3
0.022/0.56
CT8645F-331-T_
330
1.7
216.3
0.230
0.33/8.38
0.76/19.3
0.022/0.56
CT8645F-391-T_
390
1.7
250.1
0.250
0.33/8.38
0.76/19.3
0.022/0.56
CT8645F-471-T_
470
1.6
293.8
0.280
0.35/8.89
0.76/19.3
0.022/0.56
CT8645F-561-T_
560
1.5
341.5
0.300
0.35/8.89
0.79/20.1
0.022/0.56
CT8645F-681-T_
680
1.4
403.2
0.330
0.35/8.89
0.79/20.1
0.022/0.56
CT8645F-821-T_
820
1.4
472.8
0.370
0.35/8.89
0.79/20.1
0.022/0.56
Physical Dimensions (in/mm)


Similar Part No. - CT8645F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT8645LLF CT-CT8645LLF Datasheet
213Kb / 1P
Low Core Loss, High Current Toroid Inductors
CT8645LLF-100L-T CT-CT8645LLF-100L-T Datasheet
213Kb / 1P
Low Core Loss, High Current Toroid Inductors
CT8645LLF-101L-T CT-CT8645LLF-101L-T Datasheet
213Kb / 1P
Low Core Loss, High Current Toroid Inductors
CT8645LLF-102L-T CT-CT8645LLF-102L-T Datasheet
213Kb / 1P
Low Core Loss, High Current Toroid Inductors
CT8645LLF-120L-T CT-CT8645LLF-120L-T Datasheet
213Kb / 1P
Low Core Loss, High Current Toroid Inductors
More results

Similar Description - CT8645F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
High Current Toroid Inductors
2206-V-RC BOURNS-2206-V-RC Datasheet
111Kb / 1P
High Current Toroid Inductors
2218-H-RC BOURNS-2218-H-RC Datasheet
111Kb / 1P
High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
High Current Toroid Inductors
2111-H BOURNS-2111-H Datasheet
111Kb / 1P
High Current Toroid Inductors
2122-H BOURNS-2122-H Datasheet
117Kb / 1P
High Current Toroid Inductors
2322-H BOURNS-2322-H Datasheet
112Kb / 1P
High Current Toroid Inductors
2318-H-RC BOURNS-2318-H-RC Datasheet
112Kb / 1P
High Current Toroid Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com