Electronic Components Datasheet Search
  English  ▼

X  

MAX3080EPD Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX3080EPD
Description  Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3080EPD Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX3080EPD Datasheet HTML 12Page - Maxim Integrated Products MAX3080EPD Datasheet HTML 13Page - Maxim Integrated Products MAX3080EPD Datasheet HTML 14Page - Maxim Integrated Products MAX3080EPD Datasheet HTML 15Page - Maxim Integrated Products MAX3080EPD Datasheet HTML 16Page - Maxim Integrated Products MAX3080EPD Datasheet HTML 17Page - Maxim Integrated Products MAX3080EPD Datasheet HTML 18Page - Maxim Integrated Products MAX3080EPD Datasheet HTML 19Page - Maxim Integrated Products MAX3080EPD Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
16
______________________________________________________________________________________
DI
DE
3V
Y
Z
CL1
CL2
RDIFF
VID
OUTPUT
UNDER TEST
500
Ω
S1
S2
VCC
CL
Figure 7. Driver Timing Test Circuit
Figure 8. Driver Enable/Disable Timing Test Load
DI
3V
0V
Z
Y
VO
0V
-VO
VO
1.5V
tPLH
1/2 VO
10%
tR
90%
90%
tPHL
1.5V
1/2 VO
10%
tF
VDIFF = V (Y) - V (Z)
VDIFF
tSKEW = | tPLH - tPHL |
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
Y, Z
VOL
Y, Z
0V
1.5V
1.5V
VOL +0.5V
VOH -0.5V
2.3V
2.3V
tZL(SHDN), tZL
tLZ
tZH(SHDN), tZH
tHZ
DE
Figure 9. Driver Propagation Delays
Figure 10. Driver Enable and Disable Times (except
MAX3081/MAX3084/MAX3087)
VOH
VOL
A
B
1V
-1V
1.5V
1.5V
OUTPUT
INPUT
RO
tPLH
tPHL
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
VCC
RO
RO
0V
1.5V
1.5V
VOL + 0.5V
VOH - 0.5V
1.5V
1.5V
tZL(SHDN), tZL
tLZ
tZH(SHDN), tZH
tHZ
RE
Figure 11. Receiver Propagation Delays
Figure 12. Receiver Enable and Disable Times (except
MAX3081/MAX3084/MAX3087)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com