Electronic Components Datasheet Search
  English  ▼

X  

MAX308C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX308C/D
Description  Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX308C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX308C/D Datasheet HTML 4Page - Maxim Integrated Products MAX308C/D Datasheet HTML 5Page - Maxim Integrated Products MAX308C/D Datasheet HTML 6Page - Maxim Integrated Products MAX308C/D Datasheet HTML 7Page - Maxim Integrated Products MAX308C/D Datasheet HTML 8Page - Maxim Integrated Products MAX308C/D Datasheet HTML 9Page - Maxim Integrated Products MAX308C/D Datasheet HTML 10Page - Maxim Integrated Products MAX308C/D Datasheet HTML 11Page - Maxim Integrated Products MAX308C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1994 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Precision, 8-Channel/Dual 4-Channel,
High-Performance, CMOS Analog Multiplexers
__________________________________________________________Chip Topographies
V+
NO3
EN
NO4
0.136
(3.45mm)
0.080"
(2.03mm)
COM NO8
NO7
NO5
NO6
N.C.
A0
A1
A2
GND
NO2
NO1
N.C.
V-
V+
NO3A
EN
NO4A
0.136
(3.45mm)
0.080"
(2.03mm)
COMA
COMB
NO4B
NO1B
NO2B
NO3B
A0
A1
N.C. GND
NO2A
NO1A
N.C.
V-
TRANSISTOR COUNT: 122
SUBSTRATE CONNECTED TO V+
TRANSISTOR COUNT: 122
SUBSTRATE CONNECTED TO V+
MAX308
MAX309
N.C. = NO INTERNAL CONNECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com