Electronic Components Datasheet Search
  English  ▼

X  

CTDO3306F Datasheet(PDF) 1 Page - Central Technologies

Part # CTDO3306F
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDO3306F Datasheet(HTML) 1 Page - Central Technologies

  CTDO3306F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2003 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
09.09.02
Size
A
B
C
D
E
F
Max.
Max.
Max.
mm
13.1
10.4
1.95
1.3
5.3
10.6
inches
0.52
0.41
0.08
0.05
0.21
0.42
PHYSICAL DIMENSIONS
SPECIFICATIONS
Parts are available in ±10% tolerance only.
L Test
Part
Inductance
Freq.
DCR
Isat
Number
(µH)
(kHz)
(
Ω
Ω)
(A)
CTDO3306PF-220
22
100
0.35
1.3
CTDO3306PF-330
33
100
0.60
1.0
CTDO3306PF-680
68
100
0.80
0.8
CTDO3306F Series
From 22 µH to 68 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD power inductor
Applications: DC/DC converters, computers, LCD displays,
telecommunication equipment and PDA palm tops. Designed for
the higher current requirements of portable computers
Operating Temperature: -40°C to +85°C
Storage Temperature: -40°C to +85°C
Inductance Tolerance: ±10%
Testing: Inductance is tested on an HP4285A at 100 kHz/1.0V
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
RoHS
Compliant


Similar Part No. - CTDO3306F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3306P-220 CT-CTDO3306P-220 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3306P-330 CT-CTDO3306P-330 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3306P-680 CT-CTDO3306P-680 Datasheet
140Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CTDO3306F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
CTGS43F CT-CTGS43F Datasheet
331Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com