Electronic Components Datasheet Search
  English  ▼

X  

CTDO3308F Datasheet(PDF) 1 Page - Central Technologies

Part # CTDO3308F
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDO3308F Datasheet(HTML) 1 Page - Central Technologies

  CTDO3308F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
01.05.12
SPECIFICATIONS
Parts are available in ±20% inductance tolerance only.
L Test
DCR
Part
Inductance
Freq.
Max.
Isat
Irms
Number
(µH)
(kHz)
(
Ω
Ω)
(A)
(A)
CTDO3308PF-472
4.7
100
0.036
4.2
3.2
CTDO3308PF-682
6.8
100
0.060
3.9
2.6
CTDO3308PF-103
10
100
0.085
2.7
2.3
CTDO3308PF-153
15
100
0.12
2.3
1.9
CTDO3308PF-223
22
100
0.18
1.8
1.5
CTDO3308PF-333
33
100
0.25
1.6
1.2
CTDO3308PF-473
47
100
0.32
1.3
1.0
CTDO3308PF-683
68
100
0.54
1.1
0.9
CTDO3308PF-104
100
100
0.69
0.87
0.73
CTDO3308PF-154
150
100
0.94
0.74
0.62
CTDO3308PF-224
220
100
1.60
0.56
0.51
CTDO3308PF-334
330
100
2.15
0.50
0.40
CTDO3308PF-474
470
100
3.30
0.40
0.33
CTDO3308PF-684
680
100
4.40
0.33
0.28
CTDO3308PF-105
1000
100
7.00
0.29
0.23
CTDO3308F Series
From 4.7 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD power inductor
Applications: DC/DC converters, computers, LCD displays,
telecommunication equipment and PDA palm tops.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Inductance Drop: 10% typically at Isat
Testing: Inductance is tested on an HP4285A at 100 kHz
Packaging: Tape & Reel
Marking: Color dots or Inductance code
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
Size
A
B
C
D
E
F
Max.
Max.
Max.
mm
12.95
9.4
3
2.54
2.54
7.62
inches
0.51
0.37
0.12
0.1
0.1
0.3
A
B
C
D
E
F
1st significant digit
2nd significant digit
Ind. Code
3rd significant digit
XXX
Parts will be marked with
Significant Digit Dots OR Inductance Code
PHYSICAL DIMENSIONS
RoHS
Compliant


Similar Part No. - CTDO3308F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO3308 CT-CTDO3308 Datasheet
429Kb / 1P
Power Inductors - Unshielded
CTDO3308P-103 CT-CTDO3308P-103 Datasheet
429Kb / 1P
Power Inductors - Unshielded
CTDO3308P-104 CT-CTDO3308P-104 Datasheet
429Kb / 1P
Power Inductors - Unshielded
CTDO3308P-105 CT-CTDO3308P-105 Datasheet
429Kb / 1P
Power Inductors - Unshielded
CTDO3308P-153 CT-CTDO3308P-153 Datasheet
429Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CTDO3308F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
CTGS43F CT-CTGS43F Datasheet
331Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com