Electronic Components Datasheet Search
  English  ▼

X  

CTHC1812F Datasheet(PDF) 1 Page - Central Technologies

Part # CTHC1812F
Description  Wire-wound Chip Inductors - Molded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTHC1812F Datasheet(HTML) 1 Page - Central Technologies

  CTHC1812F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 11.29.12
Wire-wound Chip Inductors - Molded www.ctparts.com
CTHC1812F
Series
From 1.0 µH to 1000 µH
SPECIFICATIONS
Parts are available in ±10% inductance tolerance only.
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(W)
(mA)
CTHC1812F-1R0K
1.0
7.96
10
7.96
200
.11
1050
CTHC1812F-1R2K
1.2
7.96
10
7.96
160
.12
1000
CTHC1812F-1R5K
1.5
7.96
10
7.96
130
.15
950
CTHC1812F-1R8K
1.8
7.96
10
7.96
100
.16
900
CTHC1812F-2R2K
2.2
7.96
10
7.96
80
.18
850
CTHC1812F-2R7K
2.7
7.96
10
7.96
60
.20
800
CTHC1812F-3R3K
3.3
7.96
10
7.96
45
.22
750
CTHC1812F-3R9K
3.9
7.96
10
7.96
40
.24
700
CTHC1812F-4R7K
4.7
7.96
10
7.96
35
.27
650
CTHC1812F-5R6K
5.6
7.96
10
7.96
30
.30
650
CTHC1812F-6R8K
6.8
7.96
10
7.96
28
.35
600
CTHC1812F-8R2K
8.2
7.96
10
7.96
25
.40
600
CTHC1812F-100K
10
2.52
10
2.52
22
.50
550
CTHC1812F-120K
12
2.52
10
2.52
21
.60
500
CTHC1812F-150K
15
2.52
10
2.52
20
.70
450
CTHC1812F-180K
18
2.52
10
2.52
19
.80
400
CTHC1812F-220K
22
2.52
10
2.52
18
.90
370
CTHC1812F-270K
27
2.52
10
2.52
16
1.2
330
CTHC1812F-330K
33
2.52
10
2.52
14
1.4
300
CTHC1812F-390K
39
2.52
10
2.52
12
1.6
280
CTHC1812F-470K
47
2.52
10
2.52
12
1.9
260
CTHC1812F-560K
56
2.52
10
2.52
11
2.2
240
CTHC1812F-680K
68
2.52
10
2.52
10
2.6
220
CTHC1812F-820K
82
2.52
10
2.52
9.0
3.5
200
CTHC1812F-101K
100
0.796
20
0.796
8.0
4.0
180
CTHC1812F-121K
120
0.796
20
0.796
7.5
4.5
160
CTHC1812F-151K
150
0.796
20
0.796
7.0
6.5
140
CTHC1812F-181K
180
0.796
20
0.796
6.5
7.5
120
CTHC1812F-221K
220
0.796
20
0.796
5.5
9.0
120
CTHC1812F-271K
270
0.796
20
0.796
5.0
11
100
CTHC1812F-331K
330
0.796
20
0.796
4.0
13
90
CTHC1812F-391K
390
0.796
20
0.796
3.8
23
80
CTHC1812F-471K
470
0.796
20
0.796
3.5
26
75
CTHC1812F-561K
560
0.796
20
0.796
2.8
30
70
CTHC1812F-681K
680
0.796
20
0.796
2.6
40
65
CTHC1812F-821K
820
0.796
20
0.796
2.5
45
60
CTHC1812F-102K
1000
0.796
20
0.796
2.3
50
55
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: High current, ferrite core, wire-wound molded chip
inductor.
Applications: TV’s, VCR’s, disk drives, computer peripheals,
telecommunication devices and electronic control boards for
automobiles.
Operating Temperature: -25°C to +85°C
Inductance Tolerance: ±10%
Testing: Inductance and Q are tested on an HP4285A at
specified frequency.
Packaging: Tape & Reel.
Part Marking: Inductance code or inductance code plus
tolerance.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
B
C
D
E
4.5±0.3
3.2±0.2
3.2±0.2
1.4±0.4
0.9±0.2
0.18±0.012
0.12±0.001
0.12±0.001
0.06±0.016
0.04±0.001
Size
mm
inches


Similar Part No. - CTHC1812F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTHC1812F-100K CT-CTHC1812F-100K Datasheet
195Kb / 1P
Wire-wound Chip Inductors - Molded
CTHC1812F-101K CT-CTHC1812F-101K Datasheet
195Kb / 1P
Wire-wound Chip Inductors - Molded
CTHC1812F-102K CT-CTHC1812F-102K Datasheet
195Kb / 1P
Wire-wound Chip Inductors - Molded
CTHC1812F-120K CT-CTHC1812F-120K Datasheet
195Kb / 1P
Wire-wound Chip Inductors - Molded
CTHC1812F-121K CT-CTHC1812F-121K Datasheet
195Kb / 1P
Wire-wound Chip Inductors - Molded
More results

Similar Description - CTHC1812F

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISM-1210 ABRACON-AISM-1210 Datasheet
61Kb / 1P
WIRE WOUND MOLDED CHIP INDUCTORS
AISM-1812 ABRACON-AISM-1812 Datasheet
57Kb / 1P
WIRE WOUND MOLDED CHIP INDUCTORS
logo
Central Technologies
CTHC1812 CT-CTHC1812 Datasheet
195Kb / 1P
Wire-wound Chip Inductors - Molded
CTHC2220F CT-CTHC2220F Datasheet
203Kb / 1P
Wire-wound Chip Inductors- Molded
CTMC1210HF CT-CTMC1210HF Datasheet
176Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1812 CT-CTMC1812 Datasheet
192Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1812F CT-CTMC1812F Datasheet
166Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC2220F CT-CTMC2220F Datasheet
204Kb / 1P
Wire-wound Chip Inductors - Molded
CTNLV32F CT-CTNLV32F Datasheet
206Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1210F CT-CTMC1210F Datasheet
89Kb / 1P
Wire-wound Chip Inductors - Molded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com