Electronic Components Datasheet Search
  English  ▼

X  

CTVF-0 Datasheet(PDF) 1 Page - Central Technologies

Part # CTVF-0
Description  Power Inductor - Radial Leaded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTVF-0 Datasheet(HTML) 1 Page - Central Technologies

  CTVF-0 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 06.01.12
Power Inductor - Radial Leaded
www.ctparts.com
CTVF-0
Series
From 1.0 µH to 390 µH
SPECIFICATIONS
Part numbers indicate inductance tolerance available.
K = ±10%, L = ±15%
Rated
DCR
Part
Inductance Current
Max.
A
B
C
D
Number
(µH)
(A)
(W)
Max.
Max.
±0.015/0.38
±0.015/0.38
CTVF-0-1R0L-25
1.0
21.8
0.002
0.60/15.2
0.68/17.3
0.42/10.7
0.068/1.73
CTVF-0-1R0L-10
1.0
16.7
0.003
0.50/12.7
0.75/19.1
0.42/10.7
0.054/1.37
CTVF-0-3R3L-10
3.3
12.7
0.005
0.50/12.7
1.0/25.4
0.42/10.7
0.054/1.37
CTVF-0-4R7L-03
4.7
7.4
0.021
0.51/13.0
0.75/19.1
0.42/10.7
0.035/0.89
CTVF-0-4R7L-05
4.7
8.9
0.012
0.50/12.7
0.75/19.1
0.42/10.7
0.042/1.07
CTVF-0-4R7L-10
4.7
11.9
0.012
0.50/12.7
1.0/25.4
0.42/10.7
0.054/1.37
CTVF-0-4R7L-20
4.7
16.4
0.004
0.53/13.5
1.2/30.5
0.42/10.7
0.068/1.73
CTVF-0-100K-03
10
5.9
0.023
0.50/12.7
0.75/19.1
0.42/10.7
0.035/0.89
CTVF-0-100K-05
10
7.1
0.017
0.50/12.7
0.75/19.1
0.42/10.7
0.042/1.07
CTVF-0-100K-10
10
11.8
0.015
0.52/13.2
1.0/25.4
0.42/10.7
0.054/1.37
CTVF-0-100K-20
10
17
0.006
0.75/19.1
1.8/45.7
0.60/15.2
0.075/1.91
CTVF-0-150K-03
15
6.8
0.025
0.50/12.7
1.0/25.4
0.42/10.7
0.035/0.89
CTVF-0-150K-10
15
9.8
0.02
0.52/13.2
1.0/25.4
0.42/10.7
0.054/1.37
CTVF-0-220K-03
22
7.4
0.035
0.50/12.7
1.0/25.4
0.42/10.7
0.035/0.89
CTVF-0-220K-05
22
8.9
0.023
0.50/12.7
1.0/25.4
0.42/10.7
0.042/1.07
CTVF-0-220K-10
22
13
0.015
0.66/16.8
1.3/33.0
0.42/10.7
0.060/1.52
CTVF-0-270K-05
27
7.1
0.024
0.50/12.7
1.0/25.4
0.49/12.5
0.042/1.07
CTVF-0-330K-12
33
11.3
0.017
0.70/17.8
1.3/33.0
0.55/14.0
0.060/1.52
CTVF-0-470K-03
47
4.3
0.05
0.55/14.0
1.0/25.4
0.42/10.7
0.035/0.89
CTVF-0-470K-05
47
6.0
0.035
0.65/16.5
1.1/28.0
0.70/17.8
0.042/1.07
CTVF-0-470K-10
47
8.7
0.022
0.85/21.6
1.3/33.0
0.70/17.8
0.060/1.52
CTVF-0-820K-03
82
2.8
0.11
0.50/12.7
0.65/16.5
0.375/9.5
0.028/0.71
CTVF-0-101K-01
100
1.8
0.19
0.40/10.2
0.90/22.9
0.30 /7.6
0.020/0.51
CTVF-0-101K-03
100
3.8
0.072
0.55/14.0
1.2/30.5
0.70/17.8
0.035/0.89
CTVF-0-101K-05
100
5.5
0.055
0.65/16.5
1.3/33.0
0.70/17.8
0.042/1.07
CTVF-0-151K-03
150
2.8
0.14
0.60/15.2
1.2/30.5
0.43/10.9
0.028/0.71
CTVF-0-151K-05
150
5.2
0.065
0.65/16.5
1.3/33.0
0.70/17.8
0.042/1.07
CTVF-0-181K-05
180
3.3
0.11
0.60/15.2
1.2/30.5
0.43/10.9
0.035/0.89
CTVF-0-221K-03
220
2.1
0.21
0.55/14.0
1.2/30.5
0.42/10.7
0.025/0.64
CTVF-0-271K-04
270
2.1
0.25
0.95/24.0
0.72/18.3
0.71/18.0
0.030/0.76
CTVF-0-271K-10
270
3.6
0.16
1.1/28.0
1.0/25.4
0.72/18.3
0.038/0.97
CTVF-0-391K-03
390
3.0
0.25
1.1/28.0
1.0/25.4
0.72/18.3
0.035/0.89
CTVF-0-391K-05
390
3.1
0.19
1.1/28.0
1.0/25.4
0.72/18.3
0.038/0.97
Not Shown at Actual Size
CHARACTERISTICS
Description: Radial leaded power Inductor.
Applications: Used in switching regulators, power amplifiers,
power supplies, SCR and Triac controls, speaker crossover
networks, RFI suppression and filters.
Inductance Tolerance: ±10%, ±15%
Operating Temperature: -55°C to +125°C
Rated Current: Based on the inductance change within 10% of
initial value.
Testing: Inductance is tested on an HP4284A at 15.75KHz.
Sleeving: Poly-Olefin shrink tube.
Packaging: Bulk.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
C
D
5.6~7.1mm
(Lead Lenght)
Physical Dimensions (in/mm)


Similar Part No. - CTVF-0

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTVF-1 CT-CTVF-1 Datasheet
378Kb / 1P
Power Inductor - Radial Leaded
More results

Similar Description - CTVF-0

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFRL1310-650 XFMRS-XFRL1310-650 Datasheet
35Kb / 1P
Radial Leaded Inductor
RLXF0811-822J XFMRS-RLXF0811-822J Datasheet
31Kb / 1P
Radial Leaded Inductor
logo
Accetek Electronics (Sh...
1MZ ACCETEK-1MZ Datasheet
441Kb / 5P
Radial Leaded Power Inductor
1MZ-L ACCETEK-1MZ-L Datasheet
288Kb / 4P
Radial Leaded Power Inductor
logo
XFMRS Inc.
XFRL1310-650 XFMRS-XFRL1310-650 Datasheet
35Kb / 1P
Radial Leaded Inductor
logo
Central Technologies
CTVF-1 CT-CTVF-1 Datasheet
378Kb / 1P
Power Inductor - Radial Leaded
logo
XFMRS Inc.
XFRL-1256-1-22 XFMRS-XFRL-1256-1-22 Datasheet
45Kb / 1P
RADIAL LEADED INDUCTOR
XFRL-1256-1-68 XFMRS-XFRL-1256-1-68 Datasheet
36Kb / 1P
RADIAL LEADED INDUCTOR
XFRL-5480-4-100 XFMRS-XFRL-5480-4-100 Datasheet
34Kb / 1P
RADIAL LEADED INDUCTOR
XFRL-1256-1-5 XFMRS-XFRL-1256-1-5 Datasheet
36Kb / 1P
RADIAL LEADED INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com