Electronic Components Datasheet Search
  English  ▼

X  

MAX3111ECWI Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX3111ECWI
Description  SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3111ECWI Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX3111ECWI Datasheet HTML 14Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 15Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 16Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 17Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 18Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 19Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 20Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 21Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
SPI/MICROWIRE-Compatible UART and ±15kV ESD-
Protected RS-232 Transceivers with Internal Capacitors
18
______________________________________________________________________________________
Table 4. Write Data (D15, D14 = 1, 0)
Notes:
bit 15: DOUT
R = 1, Data is available to be read or is being read from the
receive register or FIFO.
R = 0, Receive register and FIFO are empty.
bit 14: DOUT
T = 1, Transmit buffer is empty.
T = 0, Transmit buffer is full.
bits 13–11: DOUT
Zeros
bit 10: DOUT
RA/FE = Receive-Activity (Uart shutdown)/Framing-Error
(Normal Operation) bit
bit 9: DOUT
CTS = CTS input state. If CTS = 0, then CTS = 1 and vice versa.
bit 8: DOUT
Pr = Received Parity Bit. This is only valid if PE = 1.
bits 7–0: DOUT
D7t–D0t = Received Data Bits. D7r = 0 for L = 1.
bits 15, 14: DIN
1, 0 = Write Data
bits 13–11: DIN
Zeros
bit 10: DIN
TE = 1, Disables transmit and only RTS will be updated.
TE = 0, Enables transmit.
bit 9: DIN
RTS = 1, Configures RTS = 0 (logic low).
RTS = 0, Configures RTS = 1 (logic high).
bit 8: DIN
Pt = 1, Transmit parity bit is high. If PE = 1, a high parity bit will
be transmitted. If PE = 0, then no parity bit will be transmitted.
Pt = 0, Transmit parity bit is low. If PE = 1, a low parity bit will be
transmitted. If PE = 0, then no parity bit will be transmitted.
bits 7–0: DIN
D7t–D0t = Transmitting Data Bits. D7t is ignored when L = 1.
D15 is present at DOUT on CS’s falling edge. Consecutive bits are clocked out on SCLK’s falling edge.
14
0
T
6
D6t
D6r
7
D7t
D7r
15
2
DIN
1
D2t
DOUT
R
D2r
BIT
3
D3t
D3r
0
D0t
D0r
1
D1t
D1r
4
D4t
D4r
5
D5t
D5r
10
TE
RA/FE
11
0
0
8
Pt
Pr
9
RTS
CTS
12
0
0
13
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com