Electronic Components Datasheet Search
  English  ▼

X  

MAX3131 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3131
Description  3V to 5.5V, IrDA Infrared Transceiver with Integrated RS-232 Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3131 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3131 Datasheet HTML 1Page - Maxim Integrated Products MAX3131 Datasheet HTML 2Page - Maxim Integrated Products MAX3131 Datasheet HTML 3Page - Maxim Integrated Products MAX3131 Datasheet HTML 4Page - Maxim Integrated Products MAX3131 Datasheet HTML 5Page - Maxim Integrated Products MAX3131 Datasheet HTML 6Page - Maxim Integrated Products MAX3131 Datasheet HTML 7Page - Maxim Integrated Products MAX3131 Datasheet HTML 8Page - Maxim Integrated Products MAX3131 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
µA
3V to 5.5V, IrDA Infrared Transceiver with
Integrated RS-232 Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = AVCC = 3.0V to 5.5V, GND = AGND = PGND, C1–C4 = 0.1µF (Note 1), TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C and VCC = AVCC = 3.3V.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
AVCC to AGND .........................................................-0.3V to +6V
VCC to AVCC .......................................................................±0.3V
AGND, PGND to GND ........................................................±0.1V
V+ to GND ................................................................-0.3V to +7V
V- to GND .................................................................+0.3V to -7V
V+ to V- ................................................................................+13V
Inputs (referenced to GND)
T1IN, T2IN, TXD, RSSD, IRMODE, BAUD16,
IRSD....................................................................-0.3V to +6V
R1IN, R2IN .....................................................................±25V
Outputs (referenced to GND)
T1OUT, T2OUT............................................................±13.2V
R1OUT, R2OUT, EDGEDET, RXD.........-0.3V to (VCC + 0.3V)
LEDC...................................................................-0.3V to +6V
Output Short-Circuit Duration (to VCC or GND)
T1OUT, T2OUT .....................................................Continuous
Output Currents
LEDC Continuous ........................................................200mA
LEDC 20% Duty Cycle tON < 90µs..............................500mA
Input Current
PINC ..............................................................................10mA
Continuous Power Dissipation (TA = +70°C)
SSOP (derate 9.52mW/°C above +70°C) ...................762mW
Operating Temperature Ranges
MAX3130/MAX3131CAI ....................................0°C to +70°C
MAX3130/MAX3131EAI..................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
±0.01
±1.0
2.4
120
200
Output Voltage Low
ISINK = 1.6mA
0.25
1.0
0.1
0.4
V
Output Voltage High
ISOURCE = 1.0mA
VCC -VCC -
0.6
0.05
V
2.0
0.8
1.0
10
0.01
1.0
MIN
TYP
MAX
Data Rate
(Note 3)
µA
VIN = 0 to VCC
Input Leakage Current
2.4
115.2
VCC = AVCC = 5V
kbps
Equivalent Input Noise Current
10
nARMS
Input Current Sensitivity
(Note 3)
0.0002
6
mA
Ambient Photodiode Current
Rejection
AVCC = 3.3V
100
AVCC = 5V
375
µA
V
VCC = AVCC = 3.3V
Input Logic Threshold High
V
Input Logic Threshold Low
µA
TA = +25°C (Note 2)
Analog Power-Supply Current
mA
VCC = 3.3V or 5V, TA = +25°C (Note 2)
Power-Supply Current
RSSD = low or IRMODE = low,
TA = +25°C (Note 2)
Shutdown Supply Current
µA
µA
IRSD = low, TA = +25°C (Note 2)
Shutdown Analog Supply Current
UNITS
CONDITIONS
PARAMETER
LOGIC INPUTS (T1IN, T2IN, TXD, IRMODE, BAUD16, IRSD, RSSD)
DC CHARACTERISTICS
LOGIC OUTPUTS (R1OUT, R2OUT, RXD, EDGEDET)
IR RECEIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com