Electronic Components Datasheet Search
  English  ▼

X  

IR3831WM Datasheet(PDF) 16 Page - International Rectifier

Part # IR3831WM
Description  HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3831WM Datasheet(HTML) 16 Page - International Rectifier

Back Button IR3831WM Datasheet HTML 12Page - International Rectifier IR3831WM Datasheet HTML 13Page - International Rectifier IR3831WM Datasheet HTML 14Page - International Rectifier IR3831WM Datasheet HTML 15Page - International Rectifier IR3831WM Datasheet HTML 16Page - International Rectifier IR3831WM Datasheet HTML 17Page - International Rectifier IR3831WM Datasheet HTML 18Page - International Rectifier IR3831WM Datasheet HTML 19Page - International Rectifier IR3831WM Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Rev 16.0
16
PD-97660
IR3831WMPbF
Minimum on time Considerations
The minimum ON time is the shortest amount of
time for which the Control FET may be reliably
turned on, and this depends on the internal
timing delays. For the IR3831W, the typical
minimum on-time is specified as 50 ns.
Any design or application using the IR3831W
must ensure operation with a pulse width that is
higher than this minimum on-time and preferably
higher than 100 ns. This is necessary for the
circuit to operate without jitter and pulse-
skipping, which can cause high inductor current
ripple and high output voltage ripple.
In any application that uses the IR3831W, the
following condition must be satisfied:
The minimum output voltage for the IR3831W is
limited to V
out(min) = 0.6 V.
Furthermore, for the IR3831W, especially for
active bus termination applications, it is strongly
recommended to use a switching frequency of
400 kHz to obtain clean and jitter free operation
in sourcing as well as sinking modes. Therefore,
the maximum input voltage that may be stepped
down to 0.6V at 400 kHz without jitter or pulse
skipping is 15 V.
V/s
6
ns
100
V
0.6
V
V
in
(min)
(min)
in
6
10
×
=
≤
×
∴
≤
×
∴
s
on
out
s
F
t
V
F
Maximum Duty Ratio Considerations
A fixed off-time of 200 ns maximum is specified
for the IR3831W. This provides an upper limit on
the operating duty ratio at any given switching
frequency. It is clear, that higher the switching
frequency, the lower is the maximum duty ratio at
which the IR3831W can operate. To allow a
margin of 50ns, the maximum operating duty
ratio in any application using the IR3831W
should still accommodate about 250 ns off-time.
Fig 9. shows a plot of the maximum duty ratio v/s
the switching frequency, with 250 ns off-time.
s
out
s
on
F
V
F
D
t
Vin ×
=
=
(min)
(min)
(min)
on
out
s
in
s
in
out
on
on
on
t
V
F
V
F
V
V
t
t
t
≤
×
∴
×
≤
∴
≤
Fig. 9. Maximum duty cycle v/s switching
frequency.
M ax Duty Cycle
55
60
65
70
75
80
85
90
95
250
450
650
850
1050
1250
1450
1650
S w itching Frequency (kH z )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com