Electronic Components Datasheet Search
  English  ▼

X  

IR3832WM Datasheet(PDF) 11 Page - International Rectifier

Part # IR3832WM
Description  HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3832WM Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3832WM Datasheet HTML 7Page - International Rectifier IR3832WM Datasheet HTML 8Page - International Rectifier IR3832WM Datasheet HTML 9Page - International Rectifier IR3832WM Datasheet HTML 10Page - International Rectifier IR3832WM Datasheet HTML 11Page - International Rectifier IR3832WM Datasheet HTML 12Page - International Rectifier IR3832WM Datasheet HTML 13Page - International Rectifier IR3832WM Datasheet HTML 14Page - International Rectifier IR3832WM Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Rev 6.0
11
PD-97508
IR3832WMPbF
Typical Efficiency and Power Loss Curves
Vin=5V, Vcc=5V, Vo=0.75V, Io=0.5A-4A, F
s=400kHz, L=1.5uH (MPO104-1R5 from Delta), Room
Temperature, No Air Flow
84
85
86
87
88
89
90
0.51.0
1.52.0
2.53.0
3.54.0
Load Current (A)
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Load Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com