Electronic Components Datasheet Search
  English  ▼

X  

MAX3076EEPD Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX3076EEPD
Description  3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3076EEPD Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX3076EEPD Datasheet HTML 17Page - Maxim Integrated Products MAX3076EEPD Datasheet HTML 18Page - Maxim Integrated Products MAX3076EEPD Datasheet HTML 19Page - Maxim Integrated Products MAX3076EEPD Datasheet HTML 20Page - Maxim Integrated Products MAX3076EEPD Datasheet HTML 21Page - Maxim Integrated Products MAX3076EEPD Datasheet HTML 22Page - Maxim Integrated Products MAX3076EEPD Datasheet HTML 23Page - Maxim Integrated Products MAX3076EEPD Datasheet HTML 24Page - Maxim Integrated Products MAX3076EEPD Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
+3.3V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers
______________________________________________________________________________________
21
14
13
12
11
10
9
8
1
2
3
4
5
6
7
MAX3079E
MAX3079E
DIP/SO
TOP VIEW
VCC
VCC
RXP
TXP
A
B
Z
Y
RO
DE
DI
SRL
GND
RE
H/F
RO
TXP
A
B
Z
Y
GND
DE
SRL
DI
H/F
RXP
NOTE: SWITCH POSITIONS
INDICATED FOR H/F = GND.
RE
Pin Configurations and Typical Operating Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com