Electronic Components Datasheet Search
  English  ▼

X  

MAX3186CAP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3186CAP
Description  짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3186CAP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3186CAP Datasheet HTML 1Page - Maxim Integrated Products MAX3186CAP Datasheet HTML 2Page - Maxim Integrated Products MAX3186CAP Datasheet HTML 3Page - Maxim Integrated Products MAX3186CAP Datasheet HTML 4Page - Maxim Integrated Products MAX3186CAP Datasheet HTML 5Page - Maxim Integrated Products MAX3186CAP Datasheet HTML 6Page - Maxim Integrated Products MAX3186CAP Datasheet HTML 7Page - Maxim Integrated Products MAX3186CAP Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
_______________Detailed Description
±15kV ESD Protection
As with all Maxim devices, ESD-protection structures
are incorporated on all pins to protect against electro-
static discharges encountered during handling and
assembly. The MAX3186 driver outputs and receiver
inputs have extra protection against static electricity
found in normal operation. Maxim’s engineers devel-
oped state-of-the-art structures to protect these pins
against ESD of ±15kV, without damage. After an ESD
event, the MAX3186 continues working without latchup.
ESD protection can be tested in several ways. The
transmitter outputs and the receiver inputs are charac-
terized for protection to the following:
1) ±15kV using the Human Body Model
2) ±8kV using the Contact-Discharge Method specified
in IEC1000-4-2 (formerly IEC801-2)
3) ±15kV using the Air-Gap Method specified in
IEC1000-4-2 (formerly IEC801-2)
ESD Test Conditions
ESD performance depends on a number of conditions.
Contact Maxim for a reliability report that documents
test setup, methodology, and results.
±15kV ESD-Protected, EMC-Compliant, 230kbps
RS-232 Serial Port for Modems
_______________________________________________________________________________________
5
______________________________________________________________Pin Description
PIN
NAME
FUNCTION
1
VDD
Supply-Voltage Input, +10.8V to +13.2V
2, 4, 7, 8, 9
T1OUT–T5OUT
Transmitter Outputs, swing between VDD and VSS
3, 5, 6
R1IN, R2IN, R3IN
Receiver Inputs
10
VSS
Supply-Voltage Input, -10.8V to -13.2V
11
GND
Ground. Connect to system ground.
12, 13, 14, 17, 19
T5IN–T1IN
Transmitter Inputs
15, 16, 18
R3OUT, R2OUT, R1OUT
Receiver Outputs, swing between GND and VCC
20
VCC
Supply-Voltage Input, +4.5V to +5.5V
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC 50M to 100M
RD 330Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 1b. IEC1000-4-2 ESD Generator Current Waveform
tr = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 1a. IEC1000-4-2 ESD Test Model



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com