Electronic Components Datasheet Search
  English  ▼

X  

IR3841WM Datasheet(PDF) 11 Page - International Rectifier

Part # IR3841WM
Description  HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3841WM Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3841WM Datasheet HTML 7Page - International Rectifier IR3841WM Datasheet HTML 8Page - International Rectifier IR3841WM Datasheet HTML 9Page - International Rectifier IR3841WM Datasheet HTML 10Page - International Rectifier IR3841WM Datasheet HTML 11Page - International Rectifier IR3841WM Datasheet HTML 12Page - International Rectifier IR3841WM Datasheet HTML 13Page - International Rectifier IR3841WM Datasheet HTML 14Page - International Rectifier IR3841WM Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Rev 8.0
11
PD-97658
IR3841WMPbF
Rdson of MOSFETs Over Temperature at Vcc=5V
6
8
10
12
14
16
18
20
22
24
26
28
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
Sync-FET
Ctrl-FET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com