Electronic Components Datasheet Search
  English  ▼

X  

JFN Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JFN
Description  Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFN Datasheet(HTML) 1 Page - jb Capacitors Company

  JFN Datasheet HTML 1Page - jb Capacitors Company JFN Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Standard Lead Length: 20±2mm
LOGO
MARK
PENGXIN
XGD
COUNTRY
APPROVAL
STANDARD
APPROVAL NO.
CLASS
CAP. RANGE
RATED
VOLTAGE
CQC
CHINA
GB/T14472-1998
CQC05001015086
X2
0.0022 to 1.0μF
275VAC
UL
U.S.A
UL1414
E254330
X2
0.0022 to 1.0μF
250VAC
VDE
GERMANY
EN-132400 /
IEC-60384-14
40014905
X2
0.0022 to 1.0μF
275VAC
SEV
SWISS
EN-132400 /
IEC-60384-14
05.0954
X2
0.0022 to 1.0μF
275VAC
SEMKO
SWEDEN
EN-132400 /
IEC-60384-14
516926
X2
0.0022 to 1.0μF
275VAC
DEMKO
DEMARK
EN-132400 /
IEC-60384-14
313641-01
X2
0.0022 to 1.0μF
275VAC
NEMKO
NORWAY
EN-132400 /
IEC-60384-14
P05205346
X2
0.0022 to 1.0μF
275VAC
FIMKO
FINLAND
EN-132400 /
IEC-60384-14
F1 22276
X2
0.0022 to 1.0μF
275VAC
Please visit our website to get more update data, those data & specification are subject to change without notice.
SAFETY APPROVALS
X2 Metallized Polypropylene Film Capacitor (8 approval) – JFN
FEATURES
Ø
Non-inductive, (UL940V-0) plastic case sealed with epoxy resin.
Ø
Provides interference suppression with CQC, UL, VDE, SEV, SEMKO, DEMKO,
NEMKO, FIMKO safety approvals.
SPECIFICATIONS
Operating Temperature
-40℃~ +100℃
Voltage Rating
300, 280, 275, 250V.AC
Capacitance Range
0.0022 ~ 1μF
Capacitance Tolerance
std ±10%
Insulation Resistance
1.R≥15,000MΩ (C≤0.33μF)
1.R≥5,000S (C>0.33μF)
Dissipation Factor
0.3% max at 10KHz 20℃
Dielectric Strength
1200 VDC for 5 sec.
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JFN

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
JFN1104LS-AR STANLEY-JFN1104LS-AR Datasheet
1Mb / 23P
Wide range temperature applicable product
More results

Similar Description - JFN

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ECQP1H101JZW PANASONICBATTERY-ECQP1H101JZW Datasheet
102Kb / 6P
Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
logo
Panasonic Semiconductor
ECQ-E6394JF PANASONIC-ECQ-E6394JF Datasheet
352Kb / 19P
Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
ECQ-E4564KF PANASONIC-ECQ-E4564KF Datasheet
352Kb / 19P
Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
logo
jb Capacitors Company
JFC JBCAPACITORS-JFC Datasheet
251Kb / 1P
Non-inductive, coated with epoxy resin or flame retardant epoxy power
JFD JBCAPACITORS-JFD Datasheet
344Kb / 2P
Non-inductive, plastic case and epoxy resin
JFV JBCAPACITORS-JFV Datasheet
494Kb / 7P
Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFO JBCAPACITORS-JFO Datasheet
176Kb / 1P
Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFZ JBCAPACITORS-JFZ Datasheet
365Kb / 3P
Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
logo
Suntan Capacitors
TS02A SUNTAN-TS02A_17 Datasheet
256Kb / 1P
NON-INDUCTIVE, COATED WITH EPOXY RESIN OR FLAME RETARDANT EPOXY POWER
TS08V SUNTAN-TS08V Datasheet
124Kb / 1P
NON ??INDUCTIVE, (UL940V-0) PLASTIC CASE SEALED WITH EPOXY RESIN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com